Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5362IU-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5362IU-T13
Description  500MHz Low Power Current Feedback Amplifiers with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5362IU-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5362IU-T13 Datasheet HTML 4Page - Intersil Corporation EL5362IU-T13 Datasheet HTML 5Page - Intersil Corporation EL5362IU-T13 Datasheet HTML 6Page - Intersil Corporation EL5362IU-T13 Datasheet HTML 7Page - Intersil Corporation EL5362IU-T13 Datasheet HTML 8Page - Intersil Corporation EL5362IU-T13 Datasheet HTML 9Page - Intersil Corporation EL5362IU-T13 Datasheet HTML 10Page - Intersil Corporation EL5362IU-T13 Datasheet HTML 11Page - Intersil Corporation EL5362IU-T13 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN7388.8
March 16, 2007
FIGURE 13. PSRR (VEE)
FIGURE 14. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 15. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 16. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 17. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 18. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
1001k10k
FREQUENCY (Hz)
100k
1M
10M
100M
-30
-20
-50
-60
-70
-80
-40
-10
-90
0
VCC = +5V
VEE = -5V
AV = +2
RL = 150Ω
-100
1.250W
909mW
SO8
θJA = +110°C/W
SO16 (0.150”)
θJA = +80°C/W
1.4
1.2
1.0
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
893mW
QSOP16
θJA = +112°C/W
1.4
1.2
1.0
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.50
0.45
0.30
0.20
0.15
0.10
0.05
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
435mW
θJA = +230°C/W
SOT23-5/6
0.40
0.25
0.35
125
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.0
0.9
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
870mW
θJA = +115°C/W
MSOP8/10
0.8
0.5
0.7
625mW
SO8
θJA = +160°C/W
SO16 (0.15 0”)
θJA = +110°C/W
1.0
0.9
0.8
0.6
0.4
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
909mW
EL5162, EL5163, EL5262, EL5263, EL5362


Similar Part No. - EL5362IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5362IU-T13 INTERSIL-EL5362IU-T13 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results

Similar Description - EL5362IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com