Electronic Components Datasheet Search |
|
ISL60002 Datasheet(PDF) 4 Page - Intersil Corporation |
|
ISL60002 Datasheet(HTML) 4 Page - Intersil Corporation |
4 / 31 page 4 FN8082.7 August 1, 2006 Absolute Maximum Ratings Recommended Operating Conditions Storage Temperature Range . . . . . . . . . . . . . . . . . -65°C to + 150°C Max Voltage VIN to Gnd. . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V Max Voltage VOUT to Gnd*: ISL60002, VOUT = 1.25V. . . . . . . . . . . . . . . . . . . . . -0.5V to +2.25V ISL60002, VOUT = 2.50V. . . . . . . . . . . . . . . . . . . . . -0.5V to +3.50V Voltage on “DNC” pins . . . . No connections permitted to these pins. Lead Temperature, Soldering*(Note 5) . . . . . . . . . . . . . . . . . +225°C *Maximum duration = 10s Temperature Range (Industrial) . . . . . . . . . . . . . . . . . -40°C to +85°C Temperature Range (3.3V version) . . . . . . . . . . . . . -40°C to +105°C ESD Ratings MIL-STD-883, Method 3014 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .≥5kV CAUTION: Absolute Maximum Ratings are limits which may result in impaired reliability and/or permanent damage to the device. These are stress ratings provided for information only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification are not implied. For guaranteed specifications and test conditions, see Electrical Specifications. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. Electrical Specifications ISL60002-10, VOUT = 1.024V (Additional specifications on page 6, “Common Electrical Specifications”) Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOUT Output Voltage 1.024 V VOA VOUT Accuracy (Note 5) TA = +25°C ISL60002B10 -1.0 +1.0 mV ISL60002C10 -2.5 +2.5 mV ISL60002D10 -5.0 +5.0 mV VIN Input Voltage Range 2.7 5.5 V Electrical Specifications ISL60002-11, VOUT = 1.200V (Additional specifications on page 6, “Common Electrical Specifications”) Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOUT Output Voltage 1.200 V VOA VOUT Accuracy (Note 5) TA = +25°C ISL60002B11 -1.0 +1.0 mV ISL60002C11 -2.5 +2.5 mV ISL60002D11 -5.0 +5.0 mV VIN Input Voltage Range 2.7 5.5 V Electrical Specifications ISL60002-12, VOUT = 1.250V (Additional specifications on page 6, “Common Electrical Specifications”) Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOUT Output Voltage 1.250 V VOA VOUT Accuracy (Note 5) TA = +25°C ISL60002B12 -1.0 +1.0 mV ISL60002C12 -2.5 +2.5 mV ISL60002D12 -5.0 +5.0 mV VIN Input Voltage Range 2.7 5.5 V ISL60002 |
Similar Part No. - ISL60002_06 |
|
Similar Description - ISL60002_06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |