Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1208 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL1208
Description  Low Power RTC with Battery Backed SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1208 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL1208_06 Datasheet HTML 1Page - Intersil Corporation ISL1208_06 Datasheet HTML 2Page - Intersil Corporation ISL1208_06 Datasheet HTML 3Page - Intersil Corporation ISL1208_06 Datasheet HTML 4Page - Intersil Corporation ISL1208_06 Datasheet HTML 5Page - Intersil Corporation ISL1208_06 Datasheet HTML 6Page - Intersil Corporation ISL1208_06 Datasheet HTML 7Page - Intersil Corporation ISL1208_06 Datasheet HTML 8Page - Intersil Corporation ISL1208_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8085.5
ISL1208
I2C® Real Time Clock/Calendar
Low Power RTC with Battery Backed
SRAM
The ISL1208 device is a low power real time clock with
timing and crystal compensation, clock/calendar, power fail
indicator, periodic or polled alarm, intelligent battery backup
switching and battery-backed user SRAM.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
Pinout
ISL1208
(8 LD MSOP, SOIC)
TOP VIEW
Features
• Real Time Clock/Calendar
- Tracks Time in Hours, Minutes, and Seconds
- Day of the Week, Day, Month, and Year
• 15 Selectable Frequency Outputs
• Single Alarm
- Settable to the Second, Minute, Hour, Day of the Week,
Day, or Month
- Single Event or Pulse Interrupt Mode
• Automatic Backup to Battery or Super Cap
• Power Failure Detection
• On-Chip Oscillator Compensation
• 2 Bytes Battery-Backed User SRAM
•I2C Interface
- 400kHz Data Transfer Rate
• 400nA Battery Supply Current
• Same Pin Out as ST M41Txx and Maxim DS13xx Devices
• Small Package Options
- 8 Ld MSOP and SOIC Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Set Top Box/Television
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive
Ordering Information
PART NUMBER
PART
MARKING
VDD
RANGE
TEMP.
RANGE
(°C)
PACKAGE
ISL1208IU8
AGS
2.7V to 5.5V -40 to +85 8 Ld MSOP
ISL1208IU8-TK
AGS
2.7V to 5.5V -40 to +85 8 Ld MSOP
Tape & Reel
ISL1208IU8Z
(Note)
ANW
2.7V to 5.5V -40 to +85 8 Ld MSOP
(Pb-free)
ISL1208IU8Z-TK
(Note)
ANW
2.7V to 5.5V -40 to +85 8 Ld MSOP
Tape & Reel
(Pb-free)
ISL1208IB8
1208I
2.7V to 5.5V -40 to +85 8 Ld SOIC
ISL1208IB8-TK
1208I
2.7V to 5.5V -40 to +85 8 Ld SOIC
Tape & Reel
ISL1208IB8Z
(Note)
1208ZI
2.7V to 5.5V -40 to +85 8 Ld SOIC
(Pb-free)
ISL1208IB8Z-TK
(Note)
1208ZI
2.7V to 5.5V -40 to +85 8 Ld SOIC
Tape & Reel
(Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb
and Pb-free soldering operations. Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
* Contact Factory for availability.
1
2
3
4
8
7
X1
X2
VBAT
VDD
IRQ/FOUT
SCL
SDA
GND
5
6
Data Sheet
August 23, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL1208_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12082 INTERSIL-ISL12082 Datasheet
395Kb / 26P
   I2C-Bus??Real Time Clock with Two Interrupts, Alarm, and Timer
ISL12082 INTERSIL-ISL12082 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12082 INTERSIL-ISL12082 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12082 RENESAS-ISL12082 Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
logo
Intersil Corporation
ISL12082IB8Z INTERSIL-ISL12082IB8Z Datasheet
395Kb / 26P
   I2C-Bus??Real Time Clock with Two Interrupts, Alarm, and Timer
More results

Similar Description - ISL1208_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
   Low Power RTC with Battery Backed
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com