Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95810 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL95810
Description  Low Noise, Low Power I2C Bus, 256 Taps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95810 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL95810 Datasheet HTML 1Page - Intersil Corporation ISL95810 Datasheet HTML 2Page - Intersil Corporation ISL95810 Datasheet HTML 3Page - Intersil Corporation ISL95810 Datasheet HTML 4Page - Intersil Corporation ISL95810 Datasheet HTML 5Page - Intersil Corporation ISL95810 Datasheet HTML 6Page - Intersil Corporation ISL95810 Datasheet HTML 7Page - Intersil Corporation ISL95810 Datasheet HTML 8Page - Intersil Corporation ISL95810 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN8090.2
September 19, 2006
SDA vs SCL Timing
WP Pin Timing
NOTES:
1. Typical values are for TA = +25°C and 3.3V supply voltage.
2. LSB: [V(RW)255 – V(RW)0]/255. V(RW)255 and V(RW)0 are V(RW) for the DCP register set to FF hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
3. ZS error = V(RW)0/LSB.
4. FS error = [V(RW)255 – VCC]/LSB.
5. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 255. i is the DCP register setting.
6. INL = [V(RW)i – (i • LSB – V(RW)0)]/LSB for i = 1 to 255.
7.
for i = 16 to 240 decimal, T = -40°C to +85°C. Max( ) is the maximum value of the wiper
voltage and Min ( ) is the minimum value of the wiper voltage over the temperature range.
8. MI =
|R255 – R0|/255. R255 and R0 are the measured resistances for the DCP register set to FF hex and 00 hex respectively.
Roffset = R0/MI, when measuring between RW and RL.
9. Roffset = R255/MI, when measuring between RW and RH.
10. RDNL = (Ri – Ri-1)/MI, for i = 32 to 255.
11. RINL = [Ri – (MI • i) – R0]/MI, for i = 32 to 255.
12.
for i = 32 to 255, T = -40°C to +85°C. Max( ) is the maximum value of the resistance and Min ( ) is the
minimum value of the resistance over the temperature range.
13. This parameter is not 100% tested.
14. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user, unless Acknowledge Polling is used. It is the time from a
valid STOP condition at the end of a Write sequence of a I2C serial interface Write operation, to the end of the self-timed internal non-volatile
write cycle.
15. VIL = 0V, VIH = VCC
Rpu (Note 13)
SDA and SCL Bus Pull-Up Resistor
Off-Chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about 2~2.5k
Ω.
For Cb = 40pF, max is about 15~20k
1k
tWP (Notes 13, 14) Non-Volatile Write Cycle Time
12
20
ms
tSU:WP
WP Setup Time
Before START condition
600
ns
tHD:WP
WP Hold Time
After STOP condition
600
ns
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNITS
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
tHD:WP
SCL
SDA IN
WP
tSU:WP
CLK 1
START
STOP
tHD:STO
tHD:STO:NV
TC
V
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
----------------------------------------------------------------------------------------------
106
125°C
-----------------
×
=
TC
R
Max Ri
() Min Ri
()
[]
Max Ri
() Min Ri
()
+
[] 2
----------------------------------------------------------------
10
6
125°C
-----------------
×
=
ISL95810


Similar Part No. - ISL95810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
ISL95810UIRT8 RENESAS-ISL95810UIRT8 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
logo
Intersil Corporation
ISL95810UIRT8Z INTERSIL-ISL95810UIRT8Z Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results

Similar Description - ISL95810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com