Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21400IU8Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL21400IU8Z
Description  Programmable Temperature Slope Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21400IU8Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL21400IU8Z Datasheet HTML 3Page - Intersil Corporation ISL21400IU8Z Datasheet HTML 4Page - Intersil Corporation ISL21400IU8Z Datasheet HTML 5Page - Intersil Corporation ISL21400IU8Z Datasheet HTML 6Page - Intersil Corporation ISL21400IU8Z Datasheet HTML 7Page - Intersil Corporation ISL21400IU8Z Datasheet HTML 8Page - Intersil Corporation ISL21400IU8Z Datasheet HTML 9Page - Intersil Corporation ISL21400IU8Z Datasheet HTML 10Page - Intersil Corporation ISL21400IU8Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN8091.0
December 14, 2006
3. This parameter is not 100% tested.
4. Cb = total capacitance of one bus line in pF.
5. tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It is the
minimum cycle time to be allowed for any nonvolatile write by the user.
6. Over the specified temperature range. Temperature slope (TS) is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +85°C = +125°C. TS1, TS2, TS3 =.
7. Given by PSRR (dB) = 20 * log10 (ΔVout/ΔVCC) at DC.
8. Test +25°C and +85°C only.
9. Total error of Equation 1 @ AV =1, K = -2.1mV/°C, VREF = 1.20V, m = 255, n = 255 to 0, VCC = 3.0V
10. Over the specified temperature range. Temperature slope (TS) is measured by the box method whereby the change in VOUT is divided by the
temperature range. Incremental TS is the temperature slope at m = 255 minus the temperature slope at m = 0 divided by 255 with AV = 1, n = 255
11. Temperature Slope Non- linearity is measured over the specified temperature range. The actual change in output voltage is subtracted from the
expected change in output voltage, and then divided by the expected change to normalize before converting to percent.
12. For codes n = 8 to 255
13. Guaranteed monotonic
14. tWC is the time from a valid STOP condition at the end of a Write sequence of I
2C serial interface, to the end of the self-timed internal nonvolatile
write cycle.
15.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
TS
V
OUT Tm in
() V
OUT Tm ax
()
Tmin
Tmax
--------------------------------------------------------------------------------
=
V
OUT TE
()
V
OUT mea sured
() V
OUT Equation1
()
V
OUT Eq ua tion1
()
------------------------------------------------------------------------------------------------------------- x100%
=
TS4
V
OUT Tmin
() V
OUT Tm ax
()
Tmin
Tmax
()
--------------------------------------------------------------------------------
m
255
=
⎝⎠
⎜⎟
⎛⎞
V
OUT Tm in
() V
OUT Tm ax
()
Tmin
Tmax
()
--------------------------------------------------------------------------------
m0
=
⎝⎠
⎜⎟
⎛⎞
255
÷
=
TSNL
T
( Sy ΔT )
() ΔVOUT
TSy ΔT
×
---------------------------------------------------------- x100%; y
123
,,
==
Typical Performance Curves
FIGURE 1. VOUT vs TEMPERATURE (AV = 1, 2)
FIGURE 2. VOUT vs TEMPERATURE (AV = 4)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
TS = 0
TS = 255
TS = 127
TS = 0
TS = 255
TS = 127
AV = 2
AV = 1
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
AV = 4
TS = 0
TS = 255
TS = 127
ISL21400


Similar Part No. - ISL21400IU8Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21400IU8Z RENESAS-ISL21400IU8Z Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400IU8Z-TK RENESAS-ISL21400IU8Z-TK Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
More results

Similar Description - ISL21400IU8Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21400 RENESAS-ISL21400 Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com