Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL60007DIB825Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL60007DIB825Z
Description  Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60007DIB825Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL60007DIB825Z Datasheet HTML 1Page - Intersil Corporation ISL60007DIB825Z Datasheet HTML 2Page - Intersil Corporation ISL60007DIB825Z Datasheet HTML 3Page - Intersil Corporation ISL60007DIB825Z Datasheet HTML 4Page - Intersil Corporation ISL60007DIB825Z Datasheet HTML 5Page - Intersil Corporation ISL60007DIB825Z Datasheet HTML 6Page - Intersil Corporation ISL60007DIB825Z Datasheet HTML 7Page - Intersil Corporation ISL60007DIB825Z Datasheet HTML 8Page - Intersil Corporation ISL60007DIB825Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN8087.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL60007
Precision 2.50V, 1.08µ-Watt, High
Precision FGA™ Voltage References
The ISL60007 FGA™ voltage references are extremely low
power, very high precision analog voltage references
fabricated in Intersil's proprietary Floating Gate Analog
technology. The ISL60007 features low supply voltage
operation at ultra-low 400nA operating current resulting in
typical 1.08µW power consumption.
In addition, the ISL60007 family features guaranteed initial
accuracy as low as ±0.5mV, temperature coefficients as tight
as 3ppm/°C and long-term stability of 10ppm/
√1kHrs.
The initial accuracy and thermal stability performance of the
ISL60007 family plus the low power consumption eliminates
the need to compromise accuracy and thermal stability for
reduced power consumption making it an ideal high
resolution, low power data conversion system.
Pinout
ISL60007 (8 LD SOIC)
TOP VIEW
Features
• Reference Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 2.50V
• Absolute Initial Accuracy Options. . . . . ±0.5mV, & ±1.0mV
• 1.08µW typical Power Consumption
• Supply Voltage Range . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
• Ultra-Low Supply Current . . . . . . . . . . . . . . . . . . . . . 400nA
• Low Temperature Coefficient Options . . . . . . . . . 3ppm/°C
5ppm/°C, & 10ppm/°C
• Long Term Stability . . . . . . . . . . . . . . . . . . . 10ppm/
√1kHrs
• 7mA Source & Sink Current
• ESD Protection. . . . . . . . . . . . . 5kV (Human Body Model)
• Standard 8 Ld SOIC Packaging
• Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• High Resolution A/Ds & D/As
• Digital Meters
• Bar Code Scanners
• Mobile Communications
• PDA’s and Notebooks
• Battery Management Systems
• Medical Systems
Pin Descriptions
PIN NAME
DESCRIPTION
GND
Ground Connection
VIN
Power Supply Input Connection
VOUT
Voltage Reference Output Connection
DNC
Do Not Connect; Internal Connection - Must Be Left Floating
1
2
3
4
8
7
6
5
VIN
DNC
GND
DNC
DNC
VOUT
DNC
GND
Ordering Information
PART NUMBER
PART MARKING
VOUT
OPTION
GRADE
TEMP.
RANGE (°C)
PACKAGE
PKG. DWG. #
ISL60007BIB825
60007BI 25
2.500V
±0.5mV, 3ppm/°C
-40 to +85
8 Ld SOIC
MDP0027
ISL60007BIB825Z (Note)
60007BI Z25
2.500V
±0.5mV, 3ppm/°C
-40 to +85
8 Ld SOIC (Pb-free) MDP0027
ISL60007CIB825
60007CI 25
2.500V
±0.5mV, 5ppm/°C
-40 to +85
8 Ld SOIC
MDP0027
ISL60007CIB825Z (Note)
60007CI Z25
2.500V
±0.5mV, 5ppm/°C
-40 to +85
8 Ld SOIC (Pb-free) MDP0027
ISL60007DIB825
60007DI 25
2.500V
±1.0mV, 10ppm/°C
-40 to +85
8 Ld SOIC
MDP0027
ISL60007DIB825Z (Note)
60007DI Z25
2.500V
±1.0mV, 10ppm/°C
-40 to +85
8 Ld SOIC (Pb-free) MDP0027
*Add "-TK" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
April 21, 2006


Similar Part No. - ISL60007DIB825Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60007DIB825 INTERSIL-ISL60007DIB825 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
More results

Similar Description - ISL60007DIB825Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60007 INTERSIL-ISL60007 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com