Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88013 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL88013
Description  5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88013 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL88013 Datasheet HTML 4Page - Intersil Corporation ISL88013 Datasheet HTML 5Page - Intersil Corporation ISL88013 Datasheet HTML 6Page - Intersil Corporation ISL88013 Datasheet HTML 7Page - Intersil Corporation ISL88013 Datasheet HTML 8Page - Intersil Corporation ISL88013 Datasheet HTML 9Page - Intersil Corporation ISL88013 Datasheet HTML 10Page - Intersil Corporation ISL88013 Datasheet HTML 11Page - Intersil Corporation ISL88013 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN8093.1
December 14, 2006
FIGURE 10. VTHVMON vs TEMPERATURE
FIGURE 11. tPOR (CPOR OPEN) vs TEMPERATURE
Typical Application Circuits
FIGURE 12. HIGH ACCURACY 12V SUPPLY MONITOR
FIGURE 13. 12V SUPPLY PGOOD or PGOOD
FIGURE 14. MONITOR 5V AND 12V SUPPLIES
FIGURE 15. +5V AND -5V MONITOR
Typical Parametric Performance Curves (Continued)
TEMPERATURE (°C)
0.608
0.606
0.604
0.602
0.600
0.598
0.596
-45 -35 -25 -15 0
15
25
35
45 55
65 75
85 95
TEMPERATURE (°C)
230
225
220
215
210
205
200
-45 -35 -25 -15 0
15
25
35
45 55
65 75
85 95
12V
10k
180k
10k
4.7V
VDD
VMON
RST
VTH @ 11.4V
100k
RESET
12V
ISL88014 / ISL88015
12V SUPPLY
0.1
µF
10k
VDD
RST
PGOOD @ 10.8V
ISL88011IH531Z
44k
RST
PGOOD @ 10.8V
12V
5V
180k
10k
VTH @ 11.4V
VDD
RST
VMON
100k
RST
ISL88012
PGOOD = HIGH IF -V < -4.6V AND -V + +V > 9.4 (abs)
+5V
-5V
100k
6.81k
VTH2 @ 4.4V
VDD
RST
V2MON
ISL88012IH546Z
GND
100k
-5V
100k
100k
PGOOD
ISL88011, ISL88012, ISL88013, ISL88014, ISL88015


Similar Part No. - ISL88013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88013 INTERSIL-ISL88013 Datasheet
270Kb / 11P
   5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
ISL88013 INTERSIL-ISL88013 Datasheet
330Kb / 13P
   5 Ld Voltage Supervisors
logo
Renesas Technology Corp
ISL88013 RENESAS-ISL88013 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
ISL88013EVAL1Z RENESAS-ISL88013EVAL1Z Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Intersil Corporation
ISL88013IH522Z INTERSIL-ISL88013IH522Z Datasheet
270Kb / 11P
   5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
More results

Similar Description - ISL88013

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Intersil Corporation
ISL88011_0602 INTERSIL-ISL88011_0602 Datasheet
270Kb / 11P
   5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Fujitsu Component Limit...
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PNF-G FUJITSU-MB3793-42PNF-G Datasheet
183Kb / 23P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42 CYPRESS-MB3793-42 Datasheet
293Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A_06 Datasheet
259Kb / 24P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com