Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88706IB831Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL88706IB831Z
Description  uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88706IB831Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL88706IB831Z Datasheet HTML 1Page - Intersil Corporation ISL88706IB831Z Datasheet HTML 2Page - Intersil Corporation ISL88706IB831Z Datasheet HTML 3Page - Intersil Corporation ISL88706IB831Z Datasheet HTML 4Page - Intersil Corporation ISL88706IB831Z Datasheet HTML 5Page - Intersil Corporation ISL88706IB831Z Datasheet HTML 6Page - Intersil Corporation ISL88706IB831Z Datasheet HTML 7Page - Intersil Corporation ISL88706IB831Z Datasheet HTML 8Page - Intersil Corporation ISL88706IB831Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN8092.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL88705, ISL88706, ISL88707,
ISL88708, ISL88716, ISL88813
µP Supervisor with Watchdog Timer,
Power-Fail Comparator, Manual Reset and
Adjustable Power-On Reset
Designed with high reset threshold accuracy and low power
consumption, the ISL88705, ISL88706, ISL88707,
ISL88708, ISL88716 and ISL88813 devices are
microprocessor supervisors that are designed to monitor
power-supply and battery functions in microprocessor
systems. They can help to lower system cost, reduce board
space requirements and increase the reliability of systems.
These devices provide essential functions such as supply
voltage supervision by asserting a reset output during
power-up and power-down as well as during brownout
conditions. An auxiliary voltage monitor is provided for
detecting power failures warning the system of low battery
conditions or presence detection. In addition, an
independent watchdog timer helps to monitor
microprocessor activity every 1.6s (typical). An active-low
manual reset is offered and reset signals remain asserted
until VDD returns to proper operating levels.
Users can increase the nominal 200ms power-on reset time-
out delay by adding an external capacitor to the CPOR pin on
the ISL88707 and ISL88708.
Features
• Fixed-Voltage Options Allow Precise Monitoring of +3.0V,
+3.3V, and +5.0V Power Supplies
• Additional Voltage Monitor for Power-Fail Detection or
Low-Battery Warning
- Monitors Voltages Down to 1.25V
- Adjustable Power-Fail Input Threshold
• Watchdog Timer Capability With 1.6s Time-out
• Both RST and RST Outputs Available
• 140ms Minimum Reset Pulse Width with Option to
Customize Using an External Capacitor
• Manual Reset Input On All Devices
• Reset Signal Valid Down to VDD = 1V
• Accurate ±1.8% Voltage Threshold
• Immune to Power-Supply Transients
• Ultra Low 10µA Maximum Supply Current at 3V
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Portable/Battery Powered Equipment
• Notebook/Desktop Computer Systems
• Designs Using DSPs, Microcontrollers or Microprocessors
• Controllers
• Intelligent Instruments
• Communications Systems
• Industrial Equipment
Pinouts
ISL88705, ISL88706
(8 LD PDIP/SOIC)
TOP VIEW
ISL88716, ISL88813
(8 LD PDIP/SOIC)
TOP VIEW
ISL88707, ISL88708
(8 LD PDIP/SOIC)
TOP VIEW
1
2
3
4
8
7
6
5
VDD
GND
PFI
WDO
RST
WDI
PFO
MR
1
2
3
4
8
7
6
5
VDD
GND
PFI
WDO
RST
WDI
PFO
MR
1
2
3
4
8
7
6
5
VDD
GND
PFI
RST
RST
CPOR
PFO
MR
Data Sheet
December 6, 2006


Similar Part No. - ISL88706IB831Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88706IB831Z INTERSIL-ISL88706IB831Z Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Renesas Technology Corp
ISL88706IB831Z RENESAS-ISL88706IB831Z Datasheet
912Kb / 16P
   Portable/Battery Powered Equipment
More results

Similar Description - ISL88706IB831Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
logo
National Semiconductor ...
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com