Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1286V14IZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # X1286V14IZ
Description  Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1286V14IZ Datasheet(HTML) 3 Page - Intersil Corporation

  X1286V14IZ Datasheet HTML 1Page - Intersil Corporation X1286V14IZ Datasheet HTML 2Page - Intersil Corporation X1286V14IZ Datasheet HTML 3Page - Intersil Corporation X1286V14IZ Datasheet HTML 4Page - Intersil Corporation X1286V14IZ Datasheet HTML 5Page - Intersil Corporation X1286V14IZ Datasheet HTML 6Page - Intersil Corporation X1286V14IZ Datasheet HTML 7Page - Intersil Corporation X1286V14IZ Datasheet HTML 8Page - Intersil Corporation X1286V14IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
FN8101.1
April 14, 2006
PIN ASSIGNMENTS
Pin Number
Symbol
Brief Description
EIAJ SOIC
TSSOP
11
X1
X1. The X1 pin is the input of an inverting amplifier. An external 32.768kHz quartz
crystal is used with the X1286 to supply a timebase for the real time clock. The
recommended crystal is a Citizen CFS206-32.768KDZF. Internal compensation
circuitry is included to form a complete oscillator circuit. Care should be taken in the
placement of the crystal and the layout of the circuit. Plenty of ground plane around
the device and short traces to X1 are highly recommended. See Application section
for more recommendations.
22
X2
X2. The X2 pin is the output of an inverting amplifier. An external 32.768kHz
quartz crystal is used with the X1286 to supply a timebase for the real time clock.
The recommended crystal is a Citizen CFS206-32.768KDZF. Internal compensation
circuitry is included to form a complete oscillator circuit. Care should be taken in the
placement of the crystal and the layout of the circuit. Plenty of ground plane around
the device and short traces to X2 are highly recommended. See Application section
for more recommendations.
36
PHZ/IRQ
Programmable Frequency/Interrupt Output – PHZ/IRQ. This is either an
output from the internal oscillator or an interrupt signal output. It is a CMOS
output.
When used as frequency output, this signal has a frequency of 32.768kHz,
100Hz, 1Hz or inactive.
When used as interrupt output, this signal notifies a host processor that an alarm
has occurred and an action is required. It is an active LOW output.
The control bits for this function are FO1 and FO0 and are found in address
0011h of the Clock Control Memory map. See “Programmable Frequency Output
Bits—FO1, FO0” on page 13.
47
VSS
VSS.
58
SDA
Serial Data (SDA). SDA is a bidirectional pin used to transfer data into and out
of the device. It has an open drain output and may be wire ORed with other open
drain or open collector outputs. The input buffer is always active (not gated).
An open drain output requires the use of a pull-up resistor. The output circuitry
controls the fall time of the output signal with the use of a slope controlled pull-
down. The circuit is designed for 400kHz 2-wire interface speed.
69
SCL
Serial Clock (SCL). The SCL input is used to clock all data into and out of the
device. The input buffer on this pin is always active (not gated).
713
VBACK
VBACK. This input provides a backup supply voltage to the device. VBACK
supplies power to the device in the event the VCC supply fails. This pin can be
connected to a battery, a Supercap or tied to ground if not used.
814
VCC
VCC.
X1286


Similar Part No. - X1286V14IZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X1286V14IZ RENESAS-X1286V14IZ Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Similar Description - X1286V14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com