Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88706IB829Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL88706IB829Z
Description  uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88706IB829Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL88706IB829Z Datasheet HTML 1Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 2Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 3Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 4Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 5Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 6Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 7Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 8Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN8092.3
December 6, 2006
Absolute Maximum Ratings
Thermal Information
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on any Pin with Respect to GND . . . . . . . . . . . -1.0V to +7V
DC Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300°C
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
PDIP Package* (4-layer test board) . . . . . . . . . . . . .
83
SOIC Package (4-layer test board) . . . . . . . . . . . . .
110
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Absolute Maximum Ratings indicate limits beyond which permanent damage to the device and impaired reliability may occur. These are stress ratings
provided for information only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification are not implied.
For guaranteed specifications and test conditions, see Electrical Specifications. The guaranteed specifications apply only for the test conditions listed. Some
performance characteristics may degrade when the device is not operated under the listed test conditions.
NOTE:
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage Range
2.0
5.5
V
IDD
VDD = 5V, WDT Inactive
10
19
µA
VDD = 3V, WDT Inactive
8
10
µA
ILI
Input Leakage Current (PFI)
100
nA
ILO
Output Leakage Current
100
nA
VOLTAGE THRESHOLDS
VTH1
Fixed VDD Voltage Trip Point
4.556
4.640
4.724
V
4.301
4.380
4.459
V
3.034
3.090
3.146
V
2.867
2.920
2.973
V
2.583
2.630
2.677
V
VTH1HYST
Hysteresis at VTH1 Input
Temperature = +25°C
VTH1 = 4.64V
46
mV
VTH1 = 4.38V
44
mV
VTH1 = 3.09V
37
mV
VTH1 = 2.92V
29
mV
VTH1 = 2.63V
31
mV
RST AND RST
VOL
Reset Output Voltage Low
VDD ≥ 3.3V, Sinking 2.5mA
0.05
0.40
V
VDD < 3.3V, Sinking 1.5mA
0.05
0.40
V
VOH
RST Output Voltage High
VDD ≥ 3.3V, Sourcing 2.5mA
VDD-0.6
VDD-0.4
V
VDD < 3.3V, Sourcing 1.5mA
VDD-0.6
VDD-0.4
V
RST Output Voltage High
VDD ≥ 3.3V, Sourcing 0.8mA
VDD-0.6
VDD-0.4
V
VDD < 3.3V, Sourcing 0.5mA
VDD-0.6
VDD-0.4
V
tRPD
VTH to Reset Asserted Delay
45
µs
tPOR
POR Time-Out Delay
CPOR is open
140
200
260
ms
CLOAD
Load Capacitance on Reset Pins
5
pF
ISL88705, ISL88706, ISL88707, ISL88708, 8SL88716, ISL88813


Similar Part No. - ISL88706IB829Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88706IB829Z INTERSIL-ISL88706IB829Z Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Renesas Technology Corp
ISL88706IB829Z RENESAS-ISL88706IB829Z Datasheet
912Kb / 16P
   Portable/Battery Powered Equipment
More results

Similar Description - ISL88706IB829Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
logo
National Semiconductor ...
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com