Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4323 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X4323
Description  CPU Supervisor with 32k EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4323 Datasheet(HTML) 4 Page - Intersil Corporation

  X4323 Datasheet HTML 1Page - Intersil Corporation X4323 Datasheet HTML 2Page - Intersil Corporation X4323 Datasheet HTML 3Page - Intersil Corporation X4323 Datasheet HTML 4Page - Intersil Corporation X4323 Datasheet HTML 5Page - Intersil Corporation X4323 Datasheet HTML 6Page - Intersil Corporation X4323 Datasheet HTML 7Page - Intersil Corporation X4323 Datasheet HTML 8Page - Intersil Corporation X4323 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
FN8122.1
May 25, 2006
X4323V8-4.5A
4323 AL
X4325V8-4.5A
4325 AL
4.5 to 5.5
4.5 to 4.75
0 to 70
8 Ld TSSOP (4.4mm) M8.173
X4323V8Z-4.5A
(Note)
4323 ALZ
X4325V8Z-4.5A
(Note)
4325 ALZ
0 to 70
8 Ld TSSOP (4.4mm)
(Pb-free)
M8.173
X4323V8I-4.5A
4323 AM
X4325V8I-4.5A
4325 AM
-40 to 85
8 Ld TSSOP (4.4mm) M8.173
X4323V8IZ-4.5A
(Note)
4323 AMZ
X4325V8IZ-4.5A
(Note)
4325 AMZ
-40 to 85
8 Ld TSSOP (4.4mm)
(Pb-free)
M8.173
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER
RESET
(ACTIVE LOW)
PART
MARKING
PART NUMBER
RESET
(ACTIVE HIGH)
PART
MARKING
VCC RANGE
(V)
VTRIP RANGE
(V)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
X4323, X4325


Similar Part No. - X4323

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4323 INTERSIL-X4323 Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4323S8 INTERSIL-X4323S8 Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4323S8-2.7 INTERSIL-X4323S8-2.7 Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4323S8-2.7A INTERSIL-X4323S8-2.7A Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4323S8-4.5A INTERSIL-X4323S8-4.5A Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
More results

Similar Description - X4323

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4323 INTERSIL-X4323 Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com