Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010FI-15 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X28C010FI-15
Description  5V, Byte Alterable EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010FI-15 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X28C010FI-15 Datasheet HTML 3Page - Intersil Corporation X28C010FI-15 Datasheet HTML 4Page - Intersil Corporation X28C010FI-15 Datasheet HTML 5Page - Intersil Corporation X28C010FI-15 Datasheet HTML 6Page - Intersil Corporation X28C010FI-15 Datasheet HTML 7Page - Intersil Corporation X28C010FI-15 Datasheet HTML 8Page - Intersil Corporation X28C010FI-15 Datasheet HTML 9Page - Intersil Corporation X28C010FI-15 Datasheet HTML 10Page - Intersil Corporation X28C010FI-15 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN8105.1
February 12, 2007
Software Data Protection
Regardless of whether the device has previously been
protected or not, once the software data protection algorithm
is used and data has been written, the X28C010/X28HT010
will automatically disable further writes unless another
command is issued to cancel it. If no further commands are
issued the X28C010/X28HT010 will be write protected
during power-down and after any subsequent power-up. The
state of A15 and A16 while executing the algorithm is don’t
care.
Note: Once initiated, the sequence of write operations
should not be interrupted.
CE
WE
(VCC)
Write
Protected
VCC
0V
Data
Addr
AA
5555
55
2AAA
A0
5555
≤ tBLC MAX
Writes
Ok
Byte
or
Page
tWC
FIGURE 6. TIMING SEQUENCE—BYTE OR PAGE WRITE
Write Last
Byte
Last Address
Write Data 55
to Address
2AAA
Write Data A0
to Address
5555
Write Data XX
to Any
Address
After tWC
Re-Enters Data
Protected State
Write Data AA
to Address
5555
Byte/Page
Load Operation
Optional
FIGURE 7. WRITE SEQUENCE FOR SOFTWARE DATA
PROTECTION
X28C010, X28HT010


Similar Part No. - X28C010FI-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010FI-15 XICOR-X28C010FI-15 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010FI-15 INTERSIL-X28C010FI-15 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
X28C010FI-15 INTERSIL-X28C010FI-15 Datasheet
446Kb / 20P
   Protects data against system level inadvertent writes
logo
Renesas Technology Corp
X28C010FI-15 RENESAS-X28C010FI-15 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
logo
Intersil Corporation
X28C010FI-15C1009 INTERSIL-X28C010FI-15C1009 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28C010FI-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com