Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4003M8 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X4003M8
Description  CPU Supervisor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4003M8 Datasheet(HTML) 1 Page - Intersil Corporation

  X4003M8 Datasheet HTML 1Page - Intersil Corporation X4003M8 Datasheet HTML 2Page - Intersil Corporation X4003M8 Datasheet HTML 3Page - Intersil Corporation X4003M8 Datasheet HTML 4Page - Intersil Corporation X4003M8 Datasheet HTML 5Page - Intersil Corporation X4003M8 Datasheet HTML 6Page - Intersil Corporation X4003M8 Datasheet HTML 7Page - Intersil Corporation X4003M8 Datasheet HTML 8Page - Intersil Corporation X4003M8 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN8113.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X4003, X4005
CPU Supervisor
FEATURES
• Selectable watchdog timer
—Select 200ms, 600ms, 1.4s, off
•Low VCC detection and reset assertion
—Five standard reset threshold voltages
nominal 4.62V, 4.38V, 2.92V, 2.68V, 1.75V
—Adjust low VCC reset threshold voltage using
special programming sequence
—Reset signal valid to VCC = 1V
• Low power CMOS
—12µA typical standby current, watchdog on
—800nA typical standby current watchdog off
—3mA active current
• 400kHz I2C interface
• 1.8V to 5.5V power supply operation
• Available packages
—8 Ld SOIC
—8 Ld MSOP
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
These devices combine three popular functions,
Power-on Reset Control, Watchdog Timer, and Supply
Voltage Supervision. This combination lowers system
cost, reduces board space requirements, and
increases reliability.
Applying power to the device activates the power-on
reset circuit which holds RESET/RESET active for a
period of time. This allows the power supply and oscilla-
tor to stabilize before the processor can execute code.
The Watchdog Timer provides an independent
protection mechanism for microcontrollers. When the
microcontroller fails to restart a timer within a select-
able time out interval, the device activates the
RESET/RESET signal. The user selects the interval
from three preset values. Once selected, the interval
does not change, even after cycling the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting the
system when VCC falls below the minimum VCC trip
point. RESET/RESET is asserted until VCC returns to
proper operating level and stabilizes. Five industry stan-
dard VTRIP thresholds are available; however, Intersil’s
unique circuits allow the threshold to be reprogrammed
to meet custom requirements, or to fine-tune the thresh-
old for applications requiring higher precision.
BLOCK DIAGRAM
Data
Register
Command
Decode &
Control
Logic
SDA
SCL
VCC
Reset &
Watchdog
Timebase
Power-on and
Generation
+
-
RESET (X4003)
Reset
Low Voltage
Control
Register
Watchdog Transition
Detector
WP
VCC Threshold
Reset logic
RESET (X4005)
VTRIP
Watchdog
Timer Reset
Data Sheet
May 11, 2006


Similar Part No. - X4003M8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003M8 INTERSIL-X4003M8 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003M8 RENESAS-X4003M8 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003M8 INTERSIL-X4003M8 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Xicor Inc.
X4003M8-1.8 XICOR-X4003M8-1.8 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4003M8-1.8 INTERSIL-X4003M8-1.8 Datasheet
266Kb / 17P
   CPU Supervisor
More results

Similar Description - X4003M8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com