Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5001S8Z-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X5001S8Z-2.7
Description  CPU Supervisor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5001S8Z-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X5001S8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X5001S8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X5001S8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X5001S8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X5001S8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X5001S8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X5001S8Z-2.7 Datasheet HTML 9Page - Intersil Corporation X5001S8Z-2.7 Datasheet HTML 10Page - Intersil Corporation X5001S8Z-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN8125.1
May 30, 2006
Figure 4. VTRIP Programming Sequence
SPI INTERFACE
The device is designed to interface directly with the
synchronous Serial Peripheral Interface (SPI) of many
popular microcontroller families.
The device monitors the CS/WDI line and asserts
RESET output if there is no activity within user select-
able timeout period. The device also monitors the VCC
supply and asserts the RESET if VCC falls below a
preset minimum (VTRIP). The device contains an 8-bit
watchdog timer register to control the watchdog time
out period. The current settings are accessed via the
SI and SO pins.
All instructions (Table 1) and data are transferred MSB
first. Data input on the SI line is latched on the first ris-
ing edge of SCK after CS goes LOW. Data is output
on the SO line by the falling edge of SCK. SCK is
static, allowing the user to stop the clock and then start
it again to resume operations where left off.
VTRIP Programming
Apply 5V to VCC
Decrement VCC
RESET pin
goes active?
Measured VTRIP -
Desired VTRIP
DONE
Execute
Sequence
Reset VTRIP
Set VCC = VCC Applied =
Desired VTRIP
Execute
Sequence
Set VTRIP
New VCC Applied =
Old VCC Applied + Error
(VCC = VCC - 50mV)
Execute
Sequence
Reset VTRIP
New VCC Applied =
Old VCC Applied - Error
Error < 0
Error = 0
YES
NO
Error > 0
X5001


Similar Part No. - X5001S8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X5001S8Z-2.7 RENESAS-X5001S8Z-2.7 Datasheet
789Kb / 20P
   CPU Supervisor
X5001S8Z-2.7A RENESAS-X5001S8Z-2.7A Datasheet
789Kb / 20P
   CPU Supervisor
More results

Similar Description - X5001S8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com