Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4003S8Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # X4003S8Z
Description  CPU Supervisor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4003S8Z Datasheet(HTML) 4 Page - Intersil Corporation

  X4003S8Z Datasheet HTML 1Page - Intersil Corporation X4003S8Z Datasheet HTML 2Page - Intersil Corporation X4003S8Z Datasheet HTML 3Page - Intersil Corporation X4003S8Z Datasheet HTML 4Page - Intersil Corporation X4003S8Z Datasheet HTML 5Page - Intersil Corporation X4003S8Z Datasheet HTML 6Page - Intersil Corporation X4003S8Z Datasheet HTML 7Page - Intersil Corporation X4003S8Z Datasheet HTML 8Page - Intersil Corporation X4003S8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN8113.1
May 11, 2006
PIN CONFIGURATION
PIN DESCRIPTION
NC
VSS
VCC
SDA
SCL
3
2
4
1
6
7
5
8
NC
WP
RESET
8-Pin JEDEC SOIC, MSOP
Pin
(SOIC/DIP)
Pin
TSSOP
Pin
(MSOP)
Name
Function
1
3
NC
No internal connections
2
4
NC
No internal connections
3
5
2
RESET/
RESET
Reset Output. RESET/RESET is an active LOW/HIGH, open
drain output which goes active whenever VCC falls below the min-
imum VCC sense level. It will remain active until VCC rises above
the minimum VCC sense level for 250ms. RESET/
RESET goes active if the watchdog timer is enabled and SDA re-
mains either HIGH or LOW longer than the selectable Watchdog
time out period. A falling edge of SDA, while SCL also toggles from
HIGH to LOW followed by a stop condition
resets the watchdog timer. RESET/RESET goes active on power-
up and remains active for 250ms after the power supply stabilizes.
46
3
VSS
Ground
57
4
SDA
Serial Data. SDA is a bidirectional pin used to transfer data into
and out of the device. It has an open drain output and may be wire
ORed with other open drain or open collector outputs. This pin re-
quires a pull up resistor and the input buffer is
always active (not gated).
Watchdog Input. A HIGH to LOW transition on the SDA while
SCL also toggles from HIGH to LOW follow by a stop condition re-
sets the watchdog timer. The absence of this procedure within the
watchdog time out period results in RESET/RESET going active.
68
5
SCL
Serial Clock. The serial clock controls the serial bus timing for
data input and output.
71
6
WP
Write Protect. WP HIGH prevents changes to the watchdog
timer setting.
82
1
VCC
Supply voltage
X4003, X4005


Similar Part No. - X4003S8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003S8Z INTERSIL-X4003S8Z Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003S8Z RENESAS-X4003S8Z Datasheet
692Kb / 16P
   CPU Supervisor
X4003S8Z-2.7 RENESAS-X4003S8Z-2.7 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003S8Z-2.7 INTERSIL-X4003S8Z-2.7 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003S8Z-2.7A RENESAS-X4003S8Z-2.7A Datasheet
692Kb / 16P
   CPU Supervisor
More results

Similar Description - X4003S8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com