Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4163S8Z-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X4163S8Z-2.7
Description  CPU Supervisor with 16K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4163S8Z-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X4163S8Z-2.7 Datasheet HTML 1Page - Intersil Corporation X4163S8Z-2.7 Datasheet HTML 2Page - Intersil Corporation X4163S8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X4163S8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X4163S8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X4163S8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X4163S8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X4163S8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X4163S8Z-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
FN8120.1
May 12, 2006
X4163S8
X4163
X4165S8*
X4165
4.5-5.5
4.25-4.5
0 to 70
8 Ld SOIC
MDP0027
X4163S8Z
(Note)
X4163 Z
X4165S8Z*
(Note)
X4165 Z
0 to 70
8 Ld SOIC
(Pb-free)
MDP0027
X4163S8I
X4163 I
X4165S8I
X4165 I
-40 to 85
8 Ld SOIC
MDP0027
X4163S8IZ
(Note)
X4163 Z I
X4165S8IZ
(Note)
X4165 Z I
-40 to 85
8 Ld SOIC
(Pb-free)
MDP0027
X4163V8
4163
X4165V8
4165
0 to 70
8 Ld TSSOP
(4.4mm)
M8.173
X4163V8Z
(Note)
4163
X4165V8Z (Note) 4165
0 to 70
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
X4163V8I
4163I
X4165V8I
4165I
-40 to 85
8 Ld TSSOP
(4.4mm)
M8.173
X4163V8IZ
(Note)
4163I Z
X4165V8IZ
(Note)
4165I Z
-40 to 85
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
*Add "-T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER
RESET
(ACTIVE LOW)
PART
MARKING
PART NUMBER
RESET
(ACTIVE HIGH)
PART
MARKING
VCC RANGE
(V)
VTRIP
RANGE (V)
TEMP
RANGE (°C)
PACKAGE
PKG.
DWG. #
X4163, X4165


Similar Part No. - X4163S8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163S8Z-2.7 INTERSIL-X4163S8Z-2.7 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163S8Z-2.7 RENESAS-X4163S8Z-2.7 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Intersil Corporation
X4163S8Z-2.7A INTERSIL-X4163S8Z-2.7A Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163S8Z-2.7A RENESAS-X4163S8Z-2.7A Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results

Similar Description - X4163S8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com