Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82C150AFT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P82C150AFT
Description  CAN Serial Linked I/O device SLIO with digital and analog port functions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82C150AFT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P82C150AFT Datasheet HTML 3Page - NXP Semiconductors P82C150AFT Datasheet HTML 4Page - NXP Semiconductors P82C150AFT Datasheet HTML 5Page - NXP Semiconductors P82C150AFT Datasheet HTML 6Page - NXP Semiconductors P82C150AFT Datasheet HTML 7Page - NXP Semiconductors P82C150AFT Datasheet HTML 8Page - NXP Semiconductors P82C150AFT Datasheet HTML 9Page - NXP Semiconductors P82C150AFT Datasheet HTML 10Page - NXP Semiconductors P82C150AFT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
1996 Jun 19
7
Philips Semiconductors
Preliminary specification
CAN Serial Linked I/O device (SLIO) with
digital and analog port functions
P82C150
6.2
Pin description
Table 1
Pin description for P82C150; SO28; see note 1
Note
1. In this documentation the port pins are referred to by their symbols, not by their pin number. For example P15 means
I/O Port 15 at pin 16.
SYMBOL PIN
DESCRIPTION
P2
1
I/O Ports P2 to P3; Identifier programming input.
P3
2
P4
3
I/O Port 4; DPM2 output.
VSS
4
Ground, digital part (0 V; logic circuits and CAN-bus driver).
P5
5
I/O Ports P5 to P6; analog input.
P6
6
P7
7
I/O Port 7; analog input or analog-to-digital comparator 1 output.
VDD
8
Power supply, digital part (+5 V; logic circuits and CAN-bus driver).
P8
9
I/O Port 8; analog input or comparator 3 output.
P9
10
I/O Port 9; analog input or comparator 2 output.
P10
11
I/O Port 10; comparator 3 inverting input or DPM1 output.
P11
12
I/O Port 11; comparator 3 non-inverting input.
P12
13
I/O Port 12; comparator 2 inverting input.
P13
14
I/O Port 13; comparator 2 non-inverting input.
P14
15
I/O Port 14; multiplexed analog signal.
P15
16
I/O Port 15; analog-to-digital comparator input.
P16
17
Feedback output of analog-to-digital converter.
AVDD
18
Power supply, analog part (+5 V; CAN input, oscillator and reference).
REF
19
Reference voltage output (1
2 × AVDD).
AVSS
20
Ground, analog part (0 V; CAN input, oscillator, reference).
RX0
21
CAN-bus input.
RX1
22
RST
23
External reset input (active-HIGH) for internal oscillator mode; pulled to +5 V for external
oscillator mode (see Section 11.3).
XMOD
24
Connected to GND for internal oscillator mode; external reset input (active-LOW) for
external oscillator mode (see Section 11.3).
TX0
25
Open-drain CAN-bus output: dominant = LOW; recessive = floating.
TX1
26
Open-drain CAN-bus output: dominant = HIGH; recessive or at bus mode 2 floating.
P0/CLK
27
I/O Port P0, Identifier programming input in internal oscillator mode; clock input in external
oscillator mode (see Section 11.3).
P1
28
I/O Port P1; identifier programming input.


Similar Part No. - P82C150AFT

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
P82C NORGREN-P82C Datasheet
1Mb / 9P
   P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
logo
List of Unclassifed Man...
P82C206 ETC-P82C206 Datasheet
4Mb / 79P
   NEW ENHANCED AT DATA BOOK
P82C211 ETC-P82C211 Datasheet
4Mb / 79P
   NEW ENHANCED AT DATA BOOK
P82C212 ETC-P82C212 Datasheet
4Mb / 79P
   NEW ENHANCED AT DATA BOOK
P82C215 ETC-P82C215 Datasheet
4Mb / 79P
   NEW ENHANCED AT DATA BOOK
More results

Similar Description - P82C150AFT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC73750 SANYO-LC73750 Datasheet
485Kb / 23P
   Serial I/O Dialler with Keyboard Input Functions
logo
Analog Devices
AD7769 AD-AD7769_15 Datasheet
267Kb / 16P
   Analog I/O Port
REV. A
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
   Integrated Analog and Digital I/O with FPGA Technology
NIPXI7851R NI-NIPXI7851R Datasheet
377Kb / 17P
   Integrated Analog and Digital I/O with FPGA Technology
logo
Analog Devices
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
   Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
AD7769 AD-AD7769 Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
logo
NEC
UPD7001 NEC-UPD7001 Datasheet
500Kb / 10P
   8-BIT CMOS SERIAL I/O ANALOG-TO-DIGITAL CONVERTER
logo
National Instruments Co...
USB-6509 NI-USB-6509 Datasheet
393Kb / 6P
   Portable digital I/O device / 96 bidirectional I/O channels
logo
Analog Devices
AD7774 AD-AD7774_15 Datasheet
1Mb / 16P
   LC MOS ANALOG I/O PORT
REV. A
logo
Intronics Power, Inc.
RTI-1265 INTRONICS-RTI-1265 Datasheet
982Kb / 6P
   STD Bus Modular Analog and Digital I/O Subsystems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com