Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4043S8IZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # X4043S8IZ
Description  CPU Supervisor with 4kbit EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4043S8IZ Datasheet(HTML) 1 Page - Intersil Corporation

  X4043S8IZ Datasheet HTML 1Page - Intersil Corporation X4043S8IZ Datasheet HTML 2Page - Intersil Corporation X4043S8IZ Datasheet HTML 3Page - Intersil Corporation X4043S8IZ Datasheet HTML 4Page - Intersil Corporation X4043S8IZ Datasheet HTML 5Page - Intersil Corporation X4043S8IZ Datasheet HTML 6Page - Intersil Corporation X4043S8IZ Datasheet HTML 7Page - Intersil Corporation X4043S8IZ Datasheet HTML 8Page - Intersil Corporation X4043S8IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
FN8118.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X4043, X4045
4k, 512 x 8 Bit
CPU Supervisor with 4kbit EEPROM
FEATURES
• Selectable watchdog timer
•Low VCC detection and reset assertion
—Five standard reset threshold voltages
—Adjust low VCC reset threshold voltage using
special programming sequence
—Reset signal valid to VCC = 1V
• Low power CMOS
—<20µA max standby current, watchdog on
—<1µA standby current, watchdog OFF
—3mA active current
• 4kbits of EEPROM
—16-byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Protect 0, 1/4, 1/2, all or 16, 32, 64 or 128 bytes
of EEPROM array with Block Lockprotection
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—8 Ld SOIC
—8 Ld MSOP
—8 Ld PDIP
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The X4043/45 combines four popular functions,
Power-on Reset Control, Watchdog Timer, Supply
Voltage Supervision, and Block Lock Protect Serial
EEPROM Memory in one package. This combination
lowers system cost, reduces board space require-
ments, and increases reliability.
Applying power to the device activates the power-on
reset circuit which holds RESET/RESET active for a
period of time. This allows the power supply and oscilla-
tor to stabilize before the processor can execute code.
The Watchdog Timer provides an independent protec-
tion mechanism for microcontrollers. When the micro-
controller fails to restart a timer within a selectable
time
out
interval,
the
device
activates
the
RESET/RESET signal. The user selects the interval
from three preset values. Once selected, the interval
does not change, even after cycling the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting the
system when VCC falls below the minimum VCC trip
point. RESET/RESET is asserted until VCC returns to
proper operating level and stabilizes. Five industry stan-
dard VTRIP thresholds are available, however, Intersil’s
unique circuits allow the threshold to be reprogrammed
to meet custom requirements or to fine-tune the thresh-
old for applications requiring higher precision.
BLOCK DIAGRAM
Watchdog
Timer Reset
Data
Register
Command
Decode &
Control
Logic
SDA
SCL
VCC
Reset &
Watchdog
Timebase
Power-on and
Generation
VTRIP
+
-
RESET (X4043)
Reset
Low Voltage
Status
Register
Protect Logic
EEPROM Array
Watchdog Transition
Detector
WP
VCC Threshold
Reset logic
RESET (X4045)
Data Sheet
March 16, 2006


Similar Part No. - X4043S8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043S8IZ INTERSIL-X4043S8IZ Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
logo
Renesas Technology Corp
X4043S8IZ RENESAS-X4043S8IZ Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4043S8IZ INTERSIL-X4043S8IZ Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
X4043S8IZ-2.7 INTERSIL-X4043S8IZ-2.7 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
logo
Renesas Technology Corp
X4043S8IZ-2.7 RENESAS-X4043S8IZ-2.7 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
More results

Similar Description - X4043S8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X4043 RENESAS-X4043 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com