Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4323S8IZ-2.7A Datasheet(PDF) 8 Page - Intersil Corporation

Part # X4323S8IZ-2.7A
Description  CPU Supervisor with 32k EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4323S8IZ-2.7A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X4323S8IZ-2.7A Datasheet HTML 4Page - Intersil Corporation X4323S8IZ-2.7A Datasheet HTML 5Page - Intersil Corporation X4323S8IZ-2.7A Datasheet HTML 6Page - Intersil Corporation X4323S8IZ-2.7A Datasheet HTML 7Page - Intersil Corporation X4323S8IZ-2.7A Datasheet HTML 8Page - Intersil Corporation X4323S8IZ-2.7A Datasheet HTML 9Page - Intersil Corporation X4323S8IZ-2.7A Datasheet HTML 10Page - Intersil Corporation X4323S8IZ-2.7A Datasheet HTML 11Page - Intersil Corporation X4323S8IZ-2.7A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
FN8122.1
May 25, 2006
The state of the Control Register can be read at any
time by performing a random read at address FFFFh.
Only one byte is read by each register read operation.
The X4323, X4325 resets itself after the first byte is
read. The master should supply a stop condition to be
consistent with the bus protocol, but a stop is not
required to end this operation.
BP2, BP1, BP0: Block Protect Bits (Nonvolatile)
The Block Protect Bits, BP2, BP1 and BP0, determine
which blocks of the array are write protected. A write to
a protected block of memory is ignored. The block pro-
tect bits will prevent write operations to the following
segments of the array.
RWEL: Register Write Enable Latch (Volatile)
The RWEL bit must be set to “1” prior to a write to the
Control Register.
WEL: Write Enable Latch (Volatile)
The WEL bit controls the access to the memory and to
the Register during a write operation. This bit is a vola-
tile latch that powers up in the LOW (disabled) state.
While the WEL bit is LOW, writes to any address,
including any control registers will be ignored (no
acknowledge will be issued after the Data Byte). The
WEL bit is set by writing a “1” to the WEL bit and
zeroes to the other bits of the control register. Once
set, WEL remains set until either it is reset to 0 (by
writing a “0” to the WEL bit and zeroes to the other bits
of the control register) or until the part powers up
again. Writes to the WEL bit do not cause a nonvolatile
write cycle, so the device is ready for the next opera-
tion immediately after the stop condition.
WD1, WD0: Watchdog Timer Bits
The bits WD1 and WD0 control the period of the
Watchdog Timer. The options are shown below.
Write Protect Enable
These devices have an advanced Block Lock scheme
that protects one of five blocks of the array when
enabled. It provides hardware write protection through
the use of a WP pin and a nonvolatile Write Protect
Enable (WPEN) bit.
The Write Protect (WP) pin and the Write Protect
Enable (WPEN) bit in the Control Register control the
programmable Hardware Write Protect feature. Hard-
ware Write Protection is enabled when the WP pin and
the WPEN bit are HIGH and disabled when either the
WP pin or the WPEN bit is LOW. When the chip is
Hardware Write Protected, nonvolatile writes to the
block protected sections in the memory array cannot be
written and the block protect bits cannot be changed.
Only the sections of the memory array that are not
block protected can be written. Note that since the
WPEN bit is write protected, it cannot be changed
back to a LOW state; so write protection is enabled as
long as the WP pin is held HIGH.
Table 1. Write Protect Enable Bit and WP Pin Function
76
5
4
3
2
1
0
WPEN WD1 WD0 BP1 BP0 RWEL WEL BP2
Protected Addresses
(Size)
Array Lock
0
0
0
None (factory setting)
None
0
0
1
None
None
0
1
0
None
None
0
1
1
0000h - FFFh (4K bytes)
Full Array (All)
1
0
0
000h - 03Fh (64 bytes)
First Page (P1)
1
0
1
000h - 07Fh (128 bytes)
First 2 pgs (P2)
1
1
0
000h - 0FFh (256 bytes)
First 4 pgs (P4)
1
1
1
000h - 1FFh (512 bytes)
First 8 pgs (P8)
WD1
WD0
Watchdog Time Out Period
0
0
1.4 seconds
0
1
600 milliseconds
1
0
200 milliseconds
1
1
disabled (factory setting)
WP
WPEN
Memory Array not
Block Protected
Memory Array
Block Protected
Block Protect
Bits
WPEN Bit
Protection
LOW
X
Writes OK
Writes Blocked
Writes OK
Writes OK
Software
HIGH
0
Writes OK
Writes Blocked
Writes OK
Writes OK
Software
HIGH
1
Writes OK
Writes Blocked
Writes Blocked
Writes Blocked
Hardware
X4323, X4325


Similar Part No. - X4323S8IZ-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4323S8I INTERSIL-X4323S8I Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4323S8I-2.7 INTERSIL-X4323S8I-2.7 Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4323S8I-2.7A INTERSIL-X4323S8I-2.7A Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4323S8I-4.5A INTERSIL-X4323S8I-4.5A Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
More results

Similar Description - X4323S8IZ-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4323 INTERSIL-X4323 Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com