Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4163V8I-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X4163V8I-2.7
Description  CPU Supervisor with 16K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4163V8I-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X4163V8I-2.7 Datasheet HTML 1Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 2Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 3Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 4Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 5Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 6Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 7Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 8Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
®
FN8120.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X4163, X4165
16K, 2K x 8 Bit
CPU Supervisor with 16K EEPROM
FEATURES
• Selectable watchdog timer
•Low VCC detection and reset assertion
—Four standard reset threshold voltages
—Adjust low VCC reset threshold voltage using
special programming sequence
—Reset signal valid to VCC = 1V
• Low power CMOS
—<20µA max standby current, watchdog on
—<1µA standby current, watchdog OFF
—3mA active current
• 16Kbits of EEPROM
—64-byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Block Lock (1, 2, 4, 8 pages, all, none)
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available Packages
—8 Ld SOIC
—8 Ld TSSOP
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The X4163, X4165 combines four popular functions,
Power-on Reset Control, Watchdog Timer, Supply Volt-
age Supervision, and Serial EEPROM Memory in one
package. This combination lowers system cost,
reduces board space requirements, and increases reli-
ability.
Applying power to the device activates the power on
reset circuit which holds RESET/RESET active for a
period of time. This allows the power supply and oscilla-
tor to stabilize before the processor can execute code.
The Watchdog Timer provides an independent protec-
tion mechanism for microcontrollers. When the micro-
controller fails to restart a timer within a selectable
time
out
interval,
the
device
activates
the
RESET/RESET signal. The user selects the interval
from three preset values. Once selected, the interval
does not change, even after cycling the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting the
system when VCC falls below the set minimum VCC trip
point. RESET/RESET is asserted until VCC returns to
proper operating level and stabilizes. Four industry
standard VTRIP thresholds are available, however, Inter-
sil’s unique circuits allow the threshold to be repro-
grammed to meet custom requirements or to fine-tune
the threshold for applications requiring higher precision.
BLOCK DIAGRAM
Watchdog
Timer Reset
Data
Register
Command
Decode &
Control
Logic
SDA
SCL
VCC
Reset &
Watchdog
Timebase
Power on and
Generation
VTRIP
+
-
RESET (X4163)
Reset
Low Voltage
Status
Register
Protect Logic
EEPROM Array
Watchdog Transition
Detector
WP
VCC Threshold
Reset logic
RESET (X4165)
S0
S1
Data Sheet
May 12, 2006


Similar Part No. - X4163V8I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163V8I-2.7 INTERSIL-X4163V8I-2.7 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4163V8I-2.7 INTERSIL-X4163V8I-2.7 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163V8I-2.7 RENESAS-X4163V8I-2.7 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Intersil Corporation
X4163V8I-2.7A INTERSIL-X4163V8I-2.7A Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4163V8I-2.7A INTERSIL-X4163V8I-2.7A Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
More results

Similar Description - X4163V8I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com