Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1227V8I-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X1227V8I-2.7
Description  2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1227V8I-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X1227V8I-2.7 Datasheet HTML 1Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 2Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 3Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 4Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 5Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 6Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 7Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 8Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
FN8099.2
May 8, 2006
PIN DESCRIPTIONS
PIN ASSIGNMENTS
Pin Number
Symbol
Brief Description
SOIC
TSSOP
13
X1
X1. The X1 pin is the input of an inverting amplifier and should be connected to one
pin of a 32.768kHz quartz crystal.
24
X2
X2. The X2 pin is the output of an inverting amplifier and should be connected to
one pin of a 32.768kHz quartz crystal..
35
RESET
Reset Output – RESET.
This is a reset signal output. This signal notifies a host
processor that the watchdog time period has expired or that the voltage has
dropped below a fixed VTRIP threshold. It is an open drain active LOW output.
46
VSS
VSS.
57
SDA
Serial Data (SDA). SDA is a bidirectional pin used to transfer data into and out of
the device. It has an open drain output and may be wire ORed with other open drain
or open collector outputs.
68
SCL
Serial Clock (SCL). The SCL input is used to clock all data into and out of the
device. The input buffer on this pin is always active (not gated).
71
VBACK
VBACK. This input provides a backup supply voltage to the device. VBACK supplies
power to the device in the event the VCC supply fails. This pin can be connected to
a battery, a Supercap or tied to ground if not used.
82
VCC
VCC.
NC = No internal connection
X1227
X1
X2
VBACK
VCC
RESET
SCL
SDA
VSS
1
2
3
4
7
8
6
5
8 LD TSSOP
X1227
X1
X2
VBACK
VCC
RESET
SCL
SDA
VSS
1
2
3
4
7
8
6
5
8 LD SOIC
X1227


Similar Part No. - X1227V8I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1227V8I-2.7 XICOR-X1227V8I-2.7 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227V8I-2.7 INTERSIL-X1227V8I-2.7 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227V8I-2.7 RENESAS-X1227V8I-2.7 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227V8I-2.7A XICOR-X1227V8I-2.7A Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227V8I-2.7A INTERSIL-X1227V8I-2.7A Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results

Similar Description - X1227V8I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com