Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40034V14IZ-B Datasheet(PDF) 10 Page - Intersil Corporation

Part # X40034V14IZ-B
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40034V14IZ-B Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X40034V14IZ-B Datasheet HTML 6Page - Intersil Corporation X40034V14IZ-B Datasheet HTML 7Page - Intersil Corporation X40034V14IZ-B Datasheet HTML 8Page - Intersil Corporation X40034V14IZ-B Datasheet HTML 9Page - Intersil Corporation X40034V14IZ-B Datasheet HTML 10Page - Intersil Corporation X40034V14IZ-B Datasheet HTML 11Page - Intersil Corporation X40034V14IZ-B Datasheet HTML 12Page - Intersil Corporation X40034V14IZ-B Datasheet HTML 13Page - Intersil Corporation X40034V14IZ-B Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
FN8114.1
May 25, 2006
Figure 6. VTRIPX Set/Reset Sequence (X = 1, 2, 3)
WEL: Write Enable Latch (Volatile)
The WEL bit controls the access to the memory and to
the Register during a write operation. This bit is a vola-
tile latch that powers up in the LOW (disabled) state.
While the WEL bit is LOW, writes to any address,
including any control registers will be ignored (no
acknowledge will be issued after the Data Byte). The
WEL bit is set by writing a “1” to the WEL bit and
zeroes to the other bits of the control register.
Once set, WEL remains set until either it is reset to 0
(by writing a “0” to the WEL bit and zeroes to the other
bits of the control register) or until the part powers up
again. Writes to the WEL bit do not cause a high volt-
age write cycle, so the device is ready for the next
operation immediately after the stop condition.
PUP1, PUP0: Power Up Bits (Nonvolatile)
The Power Up bits, PUP1 and PUP0, determine the
tPURST time delay. The nominal power up times are
shown in the following table.
VTRIPX Programming
Apply VCC and Voltage
Decrease VX
Actual VTRIPX -
Desired VTRIPX
DONE
Set Higher VX Sequence
Error < MDE
| Error | < | MDE |
YES
NO
Error > MDE+
> Desired VTRIPX to VX
Desired
Present Value
VTRIPX<
Execute
No
YES
Execute
VTRIPX Reset Sequence
Set VX = desired VTRIPX
New VX applied =
Old VX applied + | Error |
New VX applied =
Old VX applied - | Error |
Execute Reset VTRIPX
Sequence
Output Switches?
Note: X = 1, 2, 3
Let: MDE = Maximum Desired Error
Vx = VCC, VxMON
MDE+
Desired Value
MDE
Acceptable
Error Range
Error = Actual - Desired
PUP1 PUP0
Power on Reset Delay (tPURST)
0
0
50ms
0
1
200ms (factory setting)
1
0
400ms
1
1
800ms
X40030, X40031, X40034, X40035


Similar Part No. - X40034V14IZ-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40034V14I-A INTERSIL-X40034V14I-A Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40034V14I-A RENESAS-X40034V14I-A Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40034V14I-B INTERSIL-X40034V14I-B Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40034V14I-B RENESAS-X40034V14I-B Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40034V14I-C INTERSIL-X40034V14I-C Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40034V14IZ-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com