Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256EMB-12 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X28HC256EMB-12
Description  5 Volt, Byte Alterable EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256EMB-12 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X28HC256EMB-12 Datasheet HTML 7Page - Intersil Corporation X28HC256EMB-12 Datasheet HTML 8Page - Intersil Corporation X28HC256EMB-12 Datasheet HTML 9Page - Intersil Corporation X28HC256EMB-12 Datasheet HTML 10Page - Intersil Corporation X28HC256EMB-12 Datasheet HTML 11Page - Intersil Corporation X28HC256EMB-12 Datasheet HTML 12Page - Intersil Corporation X28HC256EMB-12 Datasheet HTML 13Page - Intersil Corporation X28HC256EMB-12 Datasheet HTML 14Page - Intersil Corporation X28HC256EMB-12 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN8108.1
May 17, 2006
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
ENDURANCE AND DATA RETENTION
A.C. CONDITIONS OF TEST
MODE SELECTION
EQUIVALENT A.C. LOAD CIRCUIT
SYMBOL TABLE
Symbol
Test
Max.
Unit
Conditions
CI/O(9)
Input/output capacitance
10
pF
VI/O = 0V
CIN(9)
Input capacitance
6
pF
VIN = 0V
Parameter
Min.
Max.
Unit
Endurance
1,000,000
Cycles
Data retention
100
Years
Input pulse levels
0V to 3V
Input rise and fall times
5ns
Input and output timing levels
1.5V
CE
OE
WE
Mode
I/O
Power
L
L
H
Read
DOUT
active
LHL
Write
DIN
active
H
X
X
Standby and
write inhibit
High Z
standby
X
L
X
Write inhibit
X
X
H
Write inhibit
5V
1.92k
Ω
30pF
OUTPUT
1.37k
Ω
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
X28HC256


Similar Part No. - X28HC256EMB-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256EMB-12 XICOR-X28HC256EMB-12 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256EMB-12 INTERSIL-X28HC256EMB-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256EMB-12

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com