Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010RI-12 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X28C010RI-12
Description  5V, Byte Alterable EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010RI-12 Datasheet(HTML) 4 Page - Intersil Corporation

  X28C010RI-12 Datasheet HTML 1Page - Intersil Corporation X28C010RI-12 Datasheet HTML 2Page - Intersil Corporation X28C010RI-12 Datasheet HTML 3Page - Intersil Corporation X28C010RI-12 Datasheet HTML 4Page - Intersil Corporation X28C010RI-12 Datasheet HTML 5Page - Intersil Corporation X28C010RI-12 Datasheet HTML 6Page - Intersil Corporation X28C010RI-12 Datasheet HTML 7Page - Intersil Corporation X28C010RI-12 Datasheet HTML 8Page - Intersil Corporation X28C010RI-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8105.1
February 12, 2007
Page Write Operation
The page write feature of the X28C010/X28HT010 allows
the entire memory to be written in 5 seconds. Page write
allows two to two hundred fifty-six bytes of data to be
consecutively written to the X28C010/X28HT010 prior to the
commencement of the internal programming cycle. The host
can fetch data from another device within the system during
a page write operation (change the source address), but the
page address (A8 through A16) for each subsequent valid
write cycle to the part during this operation must be the same
as the initial page address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the host can
write an additional one to two hundred fifty six bytes in the
same manner as the first byte was written. Each successive
byte load cycle, started by the WE HIGH to LOW transition,
must begin within 100µs of the falling edge of the preceding
WE. If a subsequent WE HIGH to LOW transition is not
detected within 100µs, the internal automatic programming
cycle will commence. There is no page write window
limitation. Effectively the page write window is infinitely wide,
so long as the host continues to access the device within the
byte load cycle time of 100µs.
Write Operation Status Bits
The X28C010/X28HT010 provides the user two write
operation status bits. These can be used to optimize a
system write cycle time. The status bits are mapped onto the
I/O bus as shown in Figure 1.
DATA Polling (I/O7)
The X28C010/X28HT010 features DATA Polling as a
method to indicate to the host system that the byte write or
page write cycle has completed. DATA Polling allows a
simple bit test operation to determine the status of the
X28C010/X28HT010, eliminating additional interrupt inputs
or external hardware. During the internal programming cycle,
any attempt to read the last byte written will produce the
complement of that data on I/O7 (i.e., write data = 0xxx xxxx,
read data = 1xxx xxxx). Once the programming cycle is
complete, I/O7 will reflect true data. Note: If the
X28C010/X28HT010 is in the protected state, and an illegal
write operation is attempted, DATA Polling will not operate.
Toggle Bit (I/O6)
The X28C010/X28HT010 also provides another method for
determining when the internal write cycle is complete. During
the internal programming cycle, I/O6 will toggle from HIGH to
LOW and LOW to HIGH on subsequent attempts to read the
device. When the internal cycle is complete the toggling will
cease and the device will be accessible for additional read or
write operations.
DATA Polling I/O7
5
TB
DP
43
21
0
I/O
Reserved
Toggle Bit
DATA Polling
FIGURE 1. STATUS BIT ASSIGNMENT
CE
OE
WE
I/O7
X28C010
Last
Write
HIGH Z
VOL
VIH
A0-A14
An
An
An
An
An
An
VOH
An
Ready
FIGURE 2. DATA POLLING BUS SEQUENCE
X28C010, X28HT010


Similar Part No. - X28C010RI-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010RI-12 XICOR-X28C010RI-12 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010RI-12 INTERSIL-X28C010RI-12 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
X28C010RI-12 INTERSIL-X28C010RI-12 Datasheet
446Kb / 20P
   Protects data against system level inadvertent writes
logo
Renesas Technology Corp
X28C010RI-12 RENESAS-X28C010RI-12 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
More results

Similar Description - X28C010RI-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com