Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4043PI Datasheet(PDF) 10 Page - Intersil Corporation

Part # X4043PI
Description  CPU Supervisor with 4kbit EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4043PI Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X4043PI Datasheet HTML 6Page - Intersil Corporation X4043PI Datasheet HTML 7Page - Intersil Corporation X4043PI Datasheet HTML 8Page - Intersil Corporation X4043PI Datasheet HTML 9Page - Intersil Corporation X4043PI Datasheet HTML 10Page - Intersil Corporation X4043PI Datasheet HTML 11Page - Intersil Corporation X4043PI Datasheet HTML 12Page - Intersil Corporation X4043PI Datasheet HTML 13Page - Intersil Corporation X4043PI Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
FN8118.2
March 16, 2006
SERIAL INTERFACE
Serial Interface Conventions
The device supports a bidirectional bus oriented proto-
col. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the transfer is
called the master and the device being controlled is
called the slave. The master always initiates data
transfers, and provides the clock for both transmit and
receive operations. Therefore, the devices in this fam-
ily operate as slaves in all applications.
Serial Clock and Data
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. See
Figure 6.
Figure 6. Valid Data Changes on the SDA Bus
Serial Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL
is HIGH. The device continuously monitors the SDA
and SCL lines for the start condition and will not
respond to any command until this condition has been
met. See Figure 7.
Serial Stop Condition
All communications must be terminated by a stop con-
dition, which is a LOW to HIGH transition of SDA when
SCL is HIGH. The stop condition is also used to place
the device into the standby power mode after a read
sequence. A stop condition can only be issued after the
transmitting device has released the bus. See Figure 6.
Figure 7. Valid Start and Stop Conditions
Serial Acknowledge
Acknowledge is a software convention used to indi-
cate successful data transfer. The transmitting device,
either master or slave, will release the bus after trans-
mitting eight bits. During the ninth clock cycle, the
receiver will pull the SDA line LOW to acknowledge
that it received the eight bits of data. Refer to Figure 8.
The device will respond with an acknowledge after
recognition of a start condition and if the correct device
identifier and select bits are contained in the slave
address byte. If a write operation is selected, the
device will respond with an acknowledge after the
receipt of each subsequent eight bit word. The device
will acknowledge all incoming data and address bytes,
except for the slave address byte when the device
identifier and/or select bits are incorrect.
In the read mode, the device will transmit eight bits of
data, release the SDA line, then monitor the line for an
acknowledge. If an acknowledge is detected and no
stop condition is generated by the master, the device
will continue to transmit data. The device will terminate
further data transmissions if an acknowledge is not
detected. The master must then issue a stop condition
to return the device to standby mode and place the
device into a known state.
SCL
SDA
Data Stable
Data Change
Data Stable
SCL
SDA
Start
Stop
X4043, X4045


Similar Part No. - X4043PI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043PI INTERSIL-X4043PI Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043PI-2.7 INTERSIL-X4043PI-2.7 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043PI-2.7A INTERSIL-X4043PI-2.7A Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043PI-4.5A INTERSIL-X4043PI-4.5A Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043PIZ INTERSIL-X4043PIZ Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results

Similar Description - X4043PI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X4043 RENESAS-X4043 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com