Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4283S8IZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # X4283S8IZ
Description  CPU Supervisor with 128K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4283S8IZ Datasheet(HTML) 5 Page - Intersil Corporation

  X4283S8IZ Datasheet HTML 1Page - Intersil Corporation X4283S8IZ Datasheet HTML 2Page - Intersil Corporation X4283S8IZ Datasheet HTML 3Page - Intersil Corporation X4283S8IZ Datasheet HTML 4Page - Intersil Corporation X4283S8IZ Datasheet HTML 5Page - Intersil Corporation X4283S8IZ Datasheet HTML 6Page - Intersil Corporation X4283S8IZ Datasheet HTML 7Page - Intersil Corporation X4283S8IZ Datasheet HTML 8Page - Intersil Corporation X4283S8IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
FN8121.1
May 23, 2006
PRINCIPLES OF OPERATION
Power-on Reset
Application of power to the X4283, X4285 activates a
Power-on Reset Circuit that pulls the RESET/RESET
pin active. This signal provides several benefits.
– It prevents the system microprocessor from starting
to operate with insufficient voltage.
– It prevents the processor from operating prior to sta-
bilization of the oscillator.
– It allows time for an FPGA to download its configura-
tion prior to initialization of the circuit.
– It prevents communication to the EEPROM, greatly
reducing the likelihood of data corruption on power-
up.
When VCC exceeds the device VTRIP threshold value
for
200ms
(nominal)
the
circuit
releases
RESET/RESET allowing the system to begin opera-
tion.
LOW VOLTAGE MONITORING
During operation, the X4283, X4285 monitors the VCC
level and asserts RESET/RESET if supply voltage falls
below a preset minimum VTRIP. The RESET/RESET
signal prevents the microprocessor from operating in a
power fail or brownout condition. The RESET/RESET
signal remains active until the voltage drops below 1V.
It also remains active until VCC returns and exceeds
VTRIP for 200ms.
WATCHDOG TIMER
The Watchdog Timer circuit monitors the microproces-
sor activity by monitoring the SDA and SCL pins. The
microprocessor must toggle the SDA pin HIGH to
LOW periodically, while SCL is HIGH (this is a start bit)
prior to the expiration of the watchdog time out period to
prevent a RESET/RESET signal. The state of two non-
volatile control bits in the Status Register determine
the watchdog timer period. The microprocessor can
change these watchdog bits, or they may be “locked”
by tying the WP pin HIGH.
EEPROM INADVERTENT WRITE PROTECTION
When RESET/RESET goes active as a result of a low
voltage condition or Watchdog Timer Time-Out, any
in-progress communications are terminated. While
RESET/RESET is active, no new communications are
allowed and no nonvolatile write operation can start.
Non-volatile writes in-progress when RESET/RESET
goes active are allowed to finish.
Additional protection mechanisms are provided with
memory Block Lock and the Write Protect (WP) pin.
These are discussed elsewhere in this document.
VCC THRESHOLD RESET PROCEDURE
The X4283, X4285 is shipped with a standard VCC
threshold (VTRIP) voltage. This value will not change
over normal operating and storage conditions. How-
ever, in applications where the standard VTRIP is not
exactly right, or if higher precision is needed in the
VTRIP value, the X4283, X4285 threshold may be
adjusted. The procedure is described below, and uses
the application of a nonvolatile control signal.
Figure 1. Set VTRIP Level Sequence (VCC = desired VTRIP values WEL bit set)
01 2 3 45 67
SCL
SDA
A0h
01 2 3 45 67
00h
WP
VP = 12-15V
01 2 3 45 67
01h
01 2 3 4 5 6 7
00h
X4283, X4285


Similar Part No. - X4283S8IZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X4283S8IZ RENESAS-X4283S8IZ Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
X4283S8IZ-2.7 RENESAS-X4283S8IZ-2.7 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
X4283S8IZ-2.7A RENESAS-X4283S8IZ-2.7A Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
More results

Similar Description - X4283S8IZ

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
logo
Renesas Technology Corp
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com