Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010RMB-25 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X28C010RMB-25
Description  5V, Byte Alterable EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010RMB-25 Datasheet(HTML) 1 Page - Intersil Corporation

  X28C010RMB-25 Datasheet HTML 1Page - Intersil Corporation X28C010RMB-25 Datasheet HTML 2Page - Intersil Corporation X28C010RMB-25 Datasheet HTML 3Page - Intersil Corporation X28C010RMB-25 Datasheet HTML 4Page - Intersil Corporation X28C010RMB-25 Datasheet HTML 5Page - Intersil Corporation X28C010RMB-25 Datasheet HTML 6Page - Intersil Corporation X28C010RMB-25 Datasheet HTML 7Page - Intersil Corporation X28C010RMB-25 Datasheet HTML 8Page - Intersil Corporation X28C010RMB-25 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN8105.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X28C010, X28HT010
5V, Byte Alterable EEPROM
The Intersil X28C010/X28HT010 is a 128K x 8 EEPROM,
fabricated with Intersil's proprietary, high performance,
floating gate CMOS technology. Like all Intersil
programmable non-volatile memories, the
X28C010/X28HT010 is a 5V only device. The
X28C010/X28HT010 features the JEDEC approved pin out
for byte-wide memories, compatible with industry standard
EEPROMs.
The X28C010/X28HT010 supports a 256-byte page write
operation, effectively providing a 19µs/byte write cycle and
enabling the entire memory to be typically written in less
than 2.5 seconds. The X28C010/X28HT010 also features
DATA Polling and Toggle Bit Polling, system software
support schemes used to indicate the early completion of a
write cycle. In addition, the X28C010/X28HT010 supports
Software Data Protection option.
Intersil EEPROMs are designed and tested for applications
requiring extended endurance. Data retention is specified to
be greater than 100 years.
Features
• Access time: 120ns
• Simple byte and page write
- Single 5V supply
- No external high voltages or VPP control
circuits
- Self-timed
• No erase before write
• No complex programming algorithms
• No overerase problem
• Low power CMOS
- Active: 50mA
- Standby: 500µA
• Software data protection
- Protects data against system level inadvertent writes
• High speed page write capability
• Highly reliable Direct Writecell
- Endurance: 100,000 write cycles
- Data retention: 100 years
• Early end of write detection
-DATA polling
- Toggle bit polling
• X28HT010 is fuly functional @ +175°C
Pinouts
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
NC
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
X28C010
CERDIP
Flat Pack
SOIC (R)
PGA
X28C010
(Bottom View)
14
A0
16
I/O1
18
VSS
11
A3
9
A5
7
A7
15
I/O0
17
I/O2
19
I/O3
5
A15
2
NC
36
VCC
20
I/O4
21
I/O5
34
NC
23
I/O7
25
A10
27
A11
29
A8
22
I/O6
32
NC
24
CE
26
OE
28
A 9
30
A 13
13
A1
12
A2
10
A4
8
A6
4
A
16
3
NC
1
NC
35
WE
33
NC
31
A 14
6
A12
X28C010
(Top View)
A6
A5
A4
A3
A2
A1
A0
I/O 0
A13
A8
A9
A11
A10
I/O7
A14
OE
CE
A7
30
EXTENDED LCC
22
23
24
25
26
27
28
29
21
6
5
8
7
9
10
11
12
13
232
43
31
1
15
17
16
18 19 20
14
Data Sheet
February 12, 2007


Similar Part No. - X28C010RMB-25

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010RMB-25 XICOR-X28C010RMB-25 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010RMB-25 INTERSIL-X28C010RMB-25 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
X28C010RMB-25 INTERSIL-X28C010RMB-25 Datasheet
446Kb / 20P
   Protects data against system level inadvertent writes
logo
Renesas Technology Corp
X28C010RMB-25 RENESAS-X28C010RMB-25 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
More results

Similar Description - X28C010RMB-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com