Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4323V8I Datasheet(PDF) 3 Page - Intersil Corporation

Part # X4323V8I
Description  CPU Supervisor with 32k EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4323V8I Datasheet(HTML) 3 Page - Intersil Corporation

  X4323V8I Datasheet HTML 1Page - Intersil Corporation X4323V8I Datasheet HTML 2Page - Intersil Corporation X4323V8I Datasheet HTML 3Page - Intersil Corporation X4323V8I Datasheet HTML 4Page - Intersil Corporation X4323V8I Datasheet HTML 5Page - Intersil Corporation X4323V8I Datasheet HTML 6Page - Intersil Corporation X4323V8I Datasheet HTML 7Page - Intersil Corporation X4323V8I Datasheet HTML 8Page - Intersil Corporation X4323V8I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
FN8122.1
May 25, 2006
Ordering Information
PART NUMBER
RESET
(ACTIVE LOW)
PART
MARKING
PART NUMBER
RESET
(ACTIVE HIGH)
PART
MARKING
VCC RANGE
(V)
VTRIP RANGE
(V)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
X4323S8-2.7
X4323 F
X4325S8-2.7
X4325 F
2.7 to 5.5
2.55 to 2.7
0 to 70
8 Ld SOIC (150 mil)
MDP0027
X4323S8Z-2.7
(Note)
X4323 ZF
X4325S8Z-2.7
(Note)
X4325 ZF
0 to 70
8 Ld SOIC (150 mil)
(Pb-free)
MDP0027
X4323S8I-2.7
X4323 G
X4325S8I-2.7
X4325 G
-40 to 85
8 Ld SOIC (150 mil)
MDP0027
X4323S8IZ-2.7
(Note)
X4323 ZG
X4325S8IZ-2.7
(Note)
X4325 ZG
-40 to 85
8 Ld SOIC (150 mil)
(Pb-free)
MDP0027
X4323V8-2.7
4323 F
X4325V8-2.7
4325 F
0 to 70
8 Ld TSSOP (4.4mm) M8.173
X4323V8Z-2.7
(Note)
4323 FZ
X4325V8Z-2.7
(Note)
4325 FZ
0 to 70
8 Ld TSSOP (4.4mm)
(Pb-free)
M8.173
X4323V8I-2.7
4323 G
X4325V8I-2.7
4325 G
-40 to 85
8 Ld TSSOP (4.4mm) M8.173
X4323V8IZ-2.7
(Note)
4323 GZ
X4325V8IZ-2.7
(Note)
4325 GZ
-40 to 85
8 Ld TSSOP (4.4mm)
(Pb-free)
M8.173
X4323S8-2.7A
X4323 AN
X4325S8-2.7A
X4325 AN
2.85 to 3.0
0 to 70
8 Ld SOIC (150 mil)
MDP0027
X4323S8Z-2.7A
(Note)
X4323 ZAN
X4325S8Z-2.7A
(Note)
X4325 ZAN
0 to 70
8 Ld SOIC (150 mil)
(Pb-free)
MDP0027
X4323S8I-2.7A
X4323 AP
X4325S8I-2.7A
X4325 AP
-40 to 85
8 Ld SOIC (150 mil)
MDP0027
X4323S8IZ-2.7A
(Note)
X4323 ZAP
X4325S8IZ-2.7A
(Note)
X4325 ZAP
-40 to 85
8 Ld SOIC (150 mil)
(Pb-free)
MDP0027
X4323V8-2.7A
4323 AN
X4325V8-2.7A
4325 AN
0 to 70
8 Ld TSSOP (4.4mm) M8.173
X4323V8Z-2.7A
(Note)
4323 ANZ
X4325V8Z-2.7A
(Note)
4325 ANZ
0 to 70
8 Ld TSSOP (4.4mm)
(Pb-free)
M8.173
X4323V8I-2.7A
4323 AP
X4325V8I-2.7A
4325 AP
-40 to 85
8 Ld TSSOP (4.4mm) M8.173
X4323V8IZ-2.7A
(Note)
4323 APZ
X4325V8IZ-2.7A
(Note)
4325 APZ
-40 to 85
8 Ld TSSOP (4.4mm)
(Pb-free)
M8.173
X4323S8
X4323
X4325S8
X4325
4.5 to 5.5
4.25 to 4.5
0 to 70
8 Ld SOIC (150 mil)
MDP0027
X4323S8Z
(Note)
X4323 Z
X4325S8Z
(Note)
X4325 Z
0 to 70
8 Ld SOIC (150 mil)
(Pb-free)
MDP0027
X4323S8I
X4323 I
X4325S8I
X4325 I
-40 to 85
8 Ld SOIC (150 mil)
MDP0027
X4323S8IZ
(Note)
X4323 ZI
X4325S8IZ
(Note)
X4325 ZI
-40 to 85
8 Ld SOIC (150 mil)
(Pb-free)
MDP0027
X4323V8
4323
X4325V8
4325
0 to 70
8 Ld TSSOP (4.4mm) M8.173
X4323V8Z
(Note)
4323 Z
X4325V8Z
(Note)
4325 Z
0 to 70
8 Ld TSSOP (4.4mm)
(Pb-free)
M8.173
X4323V8I
4323 I
X4325V8I
4325 I
-40 to 85
8 Ld TSSOP (4.4mm) M8.173
X4323V8IZ
(Note)
4323 IZ
X4325V8IZ
(Note)
4325 IZ
-40 to 85
8 Ld TSSOP (4.4mm)
(Pb-free)
M8.173
X4323S8-4.5A
X4323 AL
X4325S8-4.5A
X4325 AL
4.5 to 4.75
0 to 70
8 Ld SOIC (150 mil)
MDP0027
X4323S8Z-4.5A
(Note)
X4323 ZAL
X4325S8Z-4.5A
(Note)
X4325 ZAL
0 to 70
8 Ld SOIC (150 mil)
(Pb-free)
MDP0027
X4323S8I-4.5A
X4323 AM
X4325S8I-4.5A
X4325 AM
-40 to 85
8 Ld SOIC (150 mil)
MDP0027
X4323S8IZ-4.5A
(Note)
X4323 ZAM
X4325S8IZ-4.5A
(Note)
X4325 ZAM
-40 to 85
8 Ld SOIC (150 mil)
(Pb-free)
MDP0027
X4323, X4325


Similar Part No. - X4323V8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4323V8I INTERSIL-X4323V8I Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4323V8I-2.7 INTERSIL-X4323V8I-2.7 Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4323V8I-2.7A INTERSIL-X4323V8I-2.7A Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4323V8I-4.5A INTERSIL-X4323V8I-4.5A Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
More results

Similar Description - X4323V8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4323 INTERSIL-X4323 Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com