Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5001PIZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # X5001PIZ
Description  CPU Supervisor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5001PIZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X5001PIZ Datasheet HTML 7Page - Intersil Corporation X5001PIZ Datasheet HTML 8Page - Intersil Corporation X5001PIZ Datasheet HTML 9Page - Intersil Corporation X5001PIZ Datasheet HTML 10Page - Intersil Corporation X5001PIZ Datasheet HTML 11Page - Intersil Corporation X5001PIZ Datasheet HTML 12Page - Intersil Corporation X5001PIZ Datasheet HTML 13Page - Intersil Corporation X5001PIZ Datasheet HTML 14Page - Intersil Corporation X5001PIZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN8125.1
May 30, 2006
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ................... -65°C to +135°C
Storage temperature ........................ -65°C to +150°C
Voltage on any pin with
respect to VSS ...................................... -1.0V to +7V
D.C. output current ............................................... 5mA
Lead temperature (soldering, 10s) .................... 300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; the functional operation of
the device (at these or any other conditions above
those listed in the operational sections of this
datasheet) is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect
device reliability.
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ
Max.
ICC1
VCC write current
(Active)
5mA
SCK = VCC x 0.1/VCC x 0.9 @ 5MHz,
SO = Open
ICC2
VCC read current
(Active)
0.4
mA
SCK = VCC x 0.1/VCC x 0.9 @ 5MHz,
SO = Open
ISB1
VCC standby current
WDT=OFF
1µA
CS = VCC, VIN = VSS or VCC, VCC = 5.5V
ISB2
VCC standby current
WDT=ON
50
µA
CS = VCC, VIN = VSS or VCC, VCC = 5.5V
ISB3
VCC standby current
WDT=ON
20
µA
CS = VCC, VIN = VSS or VCC, VCC = 3.6V
ILI
Input leakage current
0.1
10
µA
VIN = VSS to VCC
ILO
Output leakage current
0.1
10
µA
VOUT = VSS to VCC
VIL(1)
Input LOW voltage
-0.5
VCC x 0.3
V
VIH(1)
Input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output LOW voltage
0.4
V
VCC > 3.3V, IOL = 2.1mA
VOL2
Output LOW voltage
0.4
V
2V < VCC < 3.3V, IOL = 1mA
VOL3
Output LOW voltage
0.4
V
VCC 2V, IOL = 0.5mA
VOH1
Output HIGH voltage
VCC-0.8
V
VCC > 3.3V, IOH = -1.0mA
VOH2
Output HIGH voltage
VCC-0.4
V
2V < VCC 3.3V, IOH = -0.4mA
VOH3
Output HIGH voltage
VCC-0.2
V
VCC 2V, IOH = -0.25mA
VOLRS
Reset output LOW
voltage
0.4
V
IOL = 1mA
RECOMMENDED OPERATING CONDITIONS
Note:
PT= Package, Temperature
Temperature
Min.
Max.
Commercial
0°C
+70°C
Voltage Option
Supply Voltage Limits
-1.8
1.8V to 3.6V
-2.7 or -2.7A
2.7V to 5.5V
-4.5 or -4.5A
4.5V to 5.5V
X5001


Similar Part No. - X5001PIZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X5001PIZ RENESAS-X5001PIZ Datasheet
789Kb / 20P
   CPU Supervisor
X5001PIZ-2.7 RENESAS-X5001PIZ-2.7 Datasheet
789Kb / 20P
   CPU Supervisor
X5001PIZ-2.7A RENESAS-X5001PIZ-2.7A Datasheet
789Kb / 20P
   CPU Supervisor
X5001PIZ-4.5A RENESAS-X5001PIZ-4.5A Datasheet
789Kb / 20P
   CPU Supervisor
More results

Similar Description - X5001PIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com