Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI540NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFI540NPBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI540NPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFI540NPBF Datasheet HTML 1Page - International Rectifier IRFI540NPBF Datasheet HTML 2Page - International Rectifier IRFI540NPBF Datasheet HTML 3Page - International Rectifier IRFI540NPBF Datasheet HTML 4Page - International Rectifier IRFI540NPBF Datasheet HTML 5Page - International Rectifier IRFI540NPBF Datasheet HTML 6Page - International Rectifier IRFI540NPBF Datasheet HTML 7Page - International Rectifier IRFI540NPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
IRFI540NPbF
PD - 94833
11/13/03
VDSS = 100V
RDS(on) = 0.052Ω
ID = 20A
S
D
G
TO-220 FULLPAK
l
Advanced Process Technology
l
Isolated Package
l
High Voltage Isolation = 2.5KVRMS …
l
Sink to Lead Creepage Dist. = 4.8mm
l
Fully Avalanche Rated
l
Lead-Free
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
2.8
RθJA
Junction-to-Ambient
––––
––––
65
Thermal Resistance
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
20
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
14
A
IDM
Pulsed Drain Current †
110
PD @TC = 25°C
Power Dissipation
54
W
Linear Derating Factor
0.36
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ‚†
300
mJ
IAR
Avalanche Current†
16
A
EAR
Repetitive Avalanche Current
5.4
mJ
dv/dt
Peak Diode Recovery dv/dt Ġ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
device for use in a wide variety of applications.
The TO-220 Fullpak eliminates the need for additional
insulating hardware in commercial-industrial applications.
The moulding compound used provides a high isolation
capability and a low thermal resistance between the tab
and external heatsink. This isolation is equivalent to using
a 100 micron mica barrier with standard TO-220 product.
The Fullpak is mounted to a heatsink using a single clip or
by a single screw fixing.
°C/W


Similar Part No. - IRFI540NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI540NPBF IRF-IRFI540NPBF Datasheet
267Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
logo
Infineon Technologies A...
IRFI540NPBF INFINEON-IRFI540NPBF Datasheet
505Kb / 9P
   Advanced Process Technology
2017-04-27
logo
International Rectifier
IRFI540NPBF IRF-IRFI540NPBF_15 Datasheet
267Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFI540NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com