Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256PIZ-12 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X28HC256PIZ-12
Description  5 Volt, Byte Alterable EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256PIZ-12 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X28HC256PIZ-12 Datasheet HTML 3Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 4Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 5Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 6Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 7Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 8Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 9Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 10Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN8108.1
May 17, 2006
THE TOGGLE BIT I/O6
Figure 4. Toggle Bit Bus Sequence
Figure 5. Toggle Bit Software Flow
¬
The Toggle Bit can eliminate the chore of saving and
fetching the last address and data in order to implement
DATA Polling. This can be especially helpful in an
array comprised of multiple X28HC256 memories that
is frequently updated. The timing diagram in Figure 4
illustrates the sequence of events on the bus. The
software flow diagram in Figure 5 illustrates a method
for polling the Toggle Bit.
HARDWARE DATA PROTECTION
The X28HC256 provides two hardware features that
protect nonvolatile data from inadvertent writes.
– Default VCC Sense—All write functions are inhibited
when VCC is 3.5V typically.
– Write Inhibit—Holding either OE LOW, WE HIGH, or
CE HIGH will prevent an inadvertent write cycle during
power-up and power-down, maintaining data integrity.
SOFTWARE DATA PROTECTION
The X28HC256 offers a software-controlled data pro-
tection feature. The X28HC256 is shipped from Intersil
with the software data protection NOT ENABLED; that
is, the device will be in the standard operating mode.
In this mode data should be protected during power-
up/down operations through the use of external cir-
cuits. The host would then have open read and write
access of the device once VCC was stable.
The X28HC256 can be automatically protected during
power-up and power-down (without the need for exter-
nal circuits) by employing the software data protection
feature. The internal software data protection circuit is
enabled after the first write operation, utilizing the soft-
ware algorithm. This circuit is nonvolatile, and will
remain set for the life of the device unless the reset
command is issued.
Once the software protection is enabled, the X28HC256 is
also protected from inadvertent and accidental writes in
the powered-up state. That is, the software algorithm must
be issued prior to writing additional data to the device.
CE
OE
WE
X28C512/513
Last
Write
I/O6
HIGH Z
*
*
VOH
VOL
Ready
* I/O6 Beginning and ending state of I/O6 will vary.
Compare
X28C256
No
Yes
ok?
Compare
Accum with
Addr n
Load Accum
From Addr n
Last Write
Ready
Yes
X28HC256


Similar Part No. - X28HC256PIZ-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256PIZ-12 INTERSIL-X28HC256PIZ-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Rochester Electronics
X28HC256PIZ-12 ROCHESTER-X28HC256PIZ-12 Datasheet
977Kb / 21P
   LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
logo
Intersil Corporation
X28HC256PIZ-12 INTERSIL-X28HC256PIZ-12 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
Renesas Technology Corp
X28HC256PIZ-12 RENESAS-X28HC256PIZ-12 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256PIZ-12

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com