Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIB8N50KPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFIB8N50KPBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIB8N50KPBF Datasheet(HTML) 8 Page - International Rectifier

  IRFIB8N50KPBF Datasheet HTML 1Page - International Rectifier IRFIB8N50KPBF Datasheet HTML 2Page - International Rectifier IRFIB8N50KPBF Datasheet HTML 3Page - International Rectifier IRFIB8N50KPBF Datasheet HTML 4Page - International Rectifier IRFIB8N50KPBF Datasheet HTML 5Page - International Rectifier IRFIB8N50KPBF Datasheet HTML 6Page - International Rectifier IRFIB8N50KPBF Datasheet HTML 7Page - International Rectifier IRFIB8N50KPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFIB8N50KPbF
8
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 08/04
TO-22O Full-Pak package is not recommended for Surface Mount Application.
TO-220 Full-Pak Part Marking Information
WIT H ASSE MB L Y
EXAMP L E:
T H IS IS AN IR F I840 G
L OT CODE 3432
AS S E MB L E D ON WW 24 199 9
IN T H E ASSE MB L Y L IN E "K "
PAR T N U MB E R
LOT CODE
ASSE MB L Y
IN T E R N AT IONAL
R E CT IF IE R
LOGO
34
3 2
924K
I R F I 84 0G
DAT E CODE
YE AR 9 = 1999
WEEK 24
LIN E K
Note: "P" in assembly line
position indicates "Lead-Free"
TO-220 Full-Pak Package Outline
Dimensions are shown in millimeters (inches)


Similar Part No. - IRFIB8N50KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
More results

Similar Description - IRFIB8N50KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com