Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C528EFP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P80C528EFP
Description  8-bit microcontrollers
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C528EFP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P80C528EFP Datasheet HTML 2Page - NXP Semiconductors P80C528EFP Datasheet HTML 3Page - NXP Semiconductors P80C528EFP Datasheet HTML 4Page - NXP Semiconductors P80C528EFP Datasheet HTML 5Page - NXP Semiconductors P80C528EFP Datasheet HTML 6Page - NXP Semiconductors P80C528EFP Datasheet HTML 7Page - NXP Semiconductors P80C528EFP Datasheet HTML 8Page - NXP Semiconductors P80C528EFP Datasheet HTML 9Page - NXP Semiconductors P80C528EFP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
PROGRAMMABLE I/O
64K-BYTE BUS
EXPANSION
CONTROL
OSCILLATOR
AND
TIMING
CPU
internal
interrupts
PROGRAM
MEMORY
(32 K x 8 ROM/
EPROM)
DATA
MEMORY
(256 x 8 RAM)
PROGRAMMABLE
SERIAL PORT
FULL DUPLEX UART
SYNCHRONOUS
SHIFT
TWO 16-BIT
TIMER/EVENT
COUNTERS
XTAL2
XTAL1
frequency
reference
T0
T1
counters
external interrupts
control
parallel ports,
address/data bus
and I/O pins
serial in
serial out
INT1
INT0
MBC455
DATA
MEMORY
(256 x 8 RAM)
16-BIT
TIMER
WATCHDOG
TIMER
T2
T2EX
RST
BIT-LEVEL
INTERFACE
I C
2
AUX - RAM
RAM
shared with Port 3
SDA
SCL
Fig.1 Block diagram.
PROGRAM
MEMORY
(32 K x 8 ROM
or 16 K x 8 ROM)
P83C524
P80C528
P83C528


Similar Part No. - P80C528EFP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C528FBA PHILIPS-P80C528FBA Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
P80C528FBAA PHILIPS-P80C528FBAA Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
P80C528FBB PHILIPS-P80C528FBB Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
P80C528FBBB PHILIPS-P80C528FBBB Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
P80C528FBP PHILIPS-P80C528FBP Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
More results

Similar Description - P80C528EFP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com