Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80CE558 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P80CE558
Description  Single-chip 8-bit microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CE558 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P80CE558 Datasheet HTML 3Page - NXP Semiconductors P80CE558 Datasheet HTML 4Page - NXP Semiconductors P80CE558 Datasheet HTML 5Page - NXP Semiconductors P80CE558 Datasheet HTML 6Page - NXP Semiconductors P80CE558 Datasheet HTML 7Page - NXP Semiconductors P80CE558 Datasheet HTML 8Page - NXP Semiconductors P80CE558 Datasheet HTML 9Page - NXP Semiconductors P80CE558 Datasheet HTML 10Page - NXP Semiconductors P80CE558 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
7
PIN DESCRIPTION (Continued)
SYMBOL
PIN
DESCRIPTION
P3.0 – P3.7
41 – 48
8-bit quasi-bidirectional I/O port
Port pin
Alternative function
P3.0
RXD
:
Serial input port
P3.1
TXD
:
Serial output port
P3.2
INT0
:
External interrupt
P3.3
INT1
:
External interrupt
P3.4
T0
:
Timer 0 external input
P3.5
T1
:
Timer 1 external input
P3.6
WR
:
External data memory write strobe
P3.7
RD
:
External data memory read strobe
N.C.
49 – 50
Not connected pins.
XTAL2
51
Crystal pin 2: output of the inverting amplifier that forms the oscillator. Left open-circuit when an external
oscillator clock is used.
XTAL1
52
Crystal pin 1: input to the inverting amplifier that forms the oscillator, and input to the internal clock
generator. Receives the external oscillator clock signal when an external oscillator is used. Must be
connected to logic HIGH if the PLL oscillator is selected (SELXTAL1 = LOW).
P2.0 – P2.7
55 – 62
Port2: 8-bit quasi-bidirectional I/O port with internal pull-ups.During access to external memories
(RAM/ROM) that use 16-bit addresses (MOVX@DPTR) Port 2 emits the high order address byte. The
alternative function of P2.7 for the P89CE558 is the output enable signal for verify/read modes (active low).
Port 2 can sink/source one TTL (=4 LSTTL) input. It can drive CMOS inputs without external pull-ups.
PSEN
63
Program Store Enable output: read strobe to the external program memory via Port 0 and 2. Is activated
twice each machine cycle during fetches from external program memory. When executing out of external
program memory two activations of PSEN are skipped during each access to external data memory. PSEN
is not activated (remains HIGH) during no fetches from external program memory. PSEN can sink/source 8
LSTTL inputs. It can drive CMOS inputs without external pull-ups.
ALE/WE
64
Address Latch Enable output: latches the low byte of the address during access of external memory in
normal operation. It is activated every six oscillator periods except during an external data memory access.
ALE/WE can sink/-source 8 LSTTL inputs. It can drive CMOS inputs without an external pull-up. The
alternative function for the P89CE558 is the programming pulse input WE.
To prohibit the toggling of ALE pin (RFI noise reduction) the bit RFI in the PCON Register (PCON.5) must be
set by software. This bit is cleared on RESET and can be set and cleared by software. When set, ALE pin
will be pulled down internally, switching an external address latch to a quiet state. The MOVX instruction will
still toggle ALE if external memory is accessed.
ALE will retain its normal high value during Idle Mode and a low value during Power-down Mode while in the
“RFI” mode. Additionally during internal access (EA = 1) ALE will toggle normally when the address exceeds
the internal program memory size. During external access (EA = 0) ALE will always toggle normally, whether
the flag “RFI” is set or not.
EA
65
External Access Input: If, during RESET, EA is held at a TTL level HIGH the CPU executes out of the
internal program memory, provided the program counter is less than 32768. If, during RESET, EA is held at a
TTL level LOW the CPU executes out of external program memory via Port 0 and Port 2. EA is not allowed
to float. EA is latched during RESET and don’t care after RESET.
P0.7–P0.0
68 –75
Port 0: 8-bit open drain bidirectional I/O port. It is also the multiplexed low-order address and data bus during
accesses to external memory (during theses accesses internal pull-ups are activated). Port 0 can sink/source
8 LSTTL inputs.
XTAL3
78
Crystal pin, output of the inverting amplifier that forms the 32 kHz oscillator
XTAL4
79
Crystal pin, input to the inverting amplifier that forms the 32 kHz oscillator. XTAL3 and XTAL4 are pulled
LOW if the PLL oscillator is not selected (SELXTAL1 = HIGH) or if Reset is active.
SELXTAL1
80
Must be connected to logic HIGH level to select the HF oscillator, using the XTAL1/XTAL2 crystal. If pulled low
the PLL is selected for clocking of the controller, using the XTAL3/ XTAL4 crystal.
NOTE:
1. To avoid a ‘latch-up’ effect at Power-on, the voltage at any pin at any time must not be higher or lower than VDD+ 0.5 V or VSS– 0.5 V
respectively.


Similar Part No. - P80CE558

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CE559 PHILIPS-P80CE559 Datasheet
524Kb / 72P
   Single-chip 8-bit microcontroller
1996 Aug 06
P80CE559EBB PHILIPS-P80CE559EBB Datasheet
524Kb / 72P
   Single-chip 8-bit microcontroller
1996 Aug 06
P80CE559EFB PHILIPS-P80CE559EFB Datasheet
524Kb / 72P
   Single-chip 8-bit microcontroller
1996 Aug 06
More results

Similar Description - P80CE558

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com