Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC50KPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4PC50KPBF
Description  Short Circuit Rated UltraFast IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50KPBF Datasheet(HTML) 6 Page - International Rectifier

  IRG4PC50KPBF Datasheet HTML 1Page - International Rectifier IRG4PC50KPBF Datasheet HTML 2Page - International Rectifier IRG4PC50KPBF Datasheet HTML 3Page - International Rectifier IRG4PC50KPBF Datasheet HTML 4Page - International Rectifier IRG4PC50KPBF Datasheet HTML 5Page - International Rectifier IRG4PC50KPBF Datasheet HTML 6Page - International Rectifier IRG4PC50KPBF Datasheet HTML 7Page - International Rectifier IRG4PC50KPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRG4PC50KPbF
6
www.irf.com
10
100
1000
1
10
100
1000
V
= 20V
T
= 125 C
GE
J
o
SAFE OPERATING AREA
V
, Collector-to-Emitter Voltage (V)
CE
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
10
20
30
40
50
60
0.0
2.0
4.0
6.0
8.0
I
, Collector-to-emitter Current (A)
C
R
= 5.0Ohm
T
= 150 C
V
= 480V
V
= 15V
G
J
CC
GE
°
5.0


Similar Part No. - IRG4PC50KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC50KPBF IRF-IRG4PC50KPBF Datasheet
276Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50KPBF IRF-IRG4PC50KPBF_15 Datasheet
276Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PC50KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20K-SPBF IRF-IRG4BC20K-SPBF Datasheet
298Kb / 9P
   Short Circuit Rated UltraFast IGBT
IRG4PH20KPBF IRF-IRG4PH20KPBF Datasheet
390Kb / 9P
   Short Circuit Rated UltraFast IGBT
IRG4PH40KPBF IRF-IRG4PH40KPBF Datasheet
527Kb / 8P
   Short Circuit Rated UltraFast IGBT
CPV362M4K IRF-CPV362M4K Datasheet
326Kb / 10P
   Short Circuit Rated UltraFast IGBT
IRG4BC10K IRF-IRG4BC10K Datasheet
158Kb / 8P
   Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
CPV364M4KPBF VISHAY-CPV364M4KPBF Datasheet
269Kb / 11P
   CPV364M4KPBF (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPU165MK IRF-CPU165MK Datasheet
92Kb / 2P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
VS-CPV363M4KPBF VISHAY-VS-CPV363M4KPBF Datasheet
261Kb / 10P
   IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
Revision: 25-Oct-17
VS-CPV364M4KPBF VISHAY-VS-CPV364M4KPBF Datasheet
252Kb / 11P
   IGBT SIP Module(Short Circuit Rated Ultrafast IGBT)
Revision: 25-Oct-17
CPV363M4KPBF VISHAY-CPV363M4KPBF Datasheet
279Kb / 11P
   IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com