Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83CL782 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P83CL782
Description  Low voltage 8-bit microcontrollers with UART and I2C-bus
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL782 Datasheet(HTML) 2 Page - NXP Semiconductors

  P83CL782 Datasheet HTML 1Page - NXP Semiconductors P83CL782 Datasheet HTML 2Page - NXP Semiconductors P83CL782 Datasheet HTML 3Page - NXP Semiconductors P83CL782 Datasheet HTML 4Page - NXP Semiconductors P83CL782 Datasheet HTML 5Page - NXP Semiconductors P83CL782 Datasheet HTML 6Page - NXP Semiconductors P83CL782 Datasheet HTML 7Page - NXP Semiconductors P83CL782 Datasheet HTML 8Page - NXP Semiconductors P83CL782 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
1997 Mar 14
2
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART and I2C-bus
P83CL781; P83CL782
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
APPLICATIONS
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
FUNCTIONAL DIAGRAM
7
PINNING INFORMATION
7.1
Pinning
7.2
Pin description
8
FUNCTIONAL DESCRIPTION OVERVIEW
8.1
General
8.2
CPU timing
9
MEMORY ORGANIZATION
9.1
Program memory
9.2
Data memory
9.3
Special Function Registers
9.4
Addressing
10
I/O FACILITIES
10.1
Ports
10.2
Port options
10.3
Port 0 options
10.4
SET/RESET options
11
TIMER/EVENT COUNTERS
11.1
Timer 0 and Timer 1
11.2
Timer T2
11.3
Timer/Counter 2 Control Register (T2CON)
12
REDUCED POWER MODES
12.1
Idle mode
12.2
Power-down mode
12.3
Wake-up from Power-down mode
12.4
Status of external pins
12.5
Power Control Register (PCON)
13
I2C-BUS SERIAL I/O
13.1
Serial Control Register (S1CON)
13.2
Serial Status Register (S1STA)
13.3
Data Shift Register (S1DAT)
13.4
Address Register (S1ADR)
14
STANDARD SERIAL INTERFACE SIO0: UART
14.1
Multiprocessor communications
14.2
Serial Port Control and Status Register
(S0CON)
14.3
Baud rates
15
INTERRUPT SYSTEM
15.1
External interrupts INT2 to INT9
15.2
Interrupt priority
15.3
Interrupt registers
16
OSCILLATOR CIRCUITRY
17
RESET
17.1
External reset using the RST pin
17.2
Power-on reset
18
SPECIAL FUNCTION REGISTERS
OVERVIEW
19
INSTRUCTION SET
20
LIMITING VALUES
21
DC CHARACTERISTICS
22
AC CHARACTERISTICS
22.1
Program memory
22.2
External Data Memory
23
PACKAGE OUTLINES
24
SOLDERING
24.1
Introduction
24.2
DIP
24.3
QFP
25
DEFINITIONS
26
LIFE SUPPORT APPLICATIONS
27
PURCHASE OF PHILIPS I2C COMPONENTS


Similar Part No. - P83CL782

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83CL410 PHILIPS-P83CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFD PHILIPS-P83CL410HFD Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFN PHILIPS-P83CL410HFN Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
More results

Similar Description - P83CL782

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CL580 PHILIPS-P80CL580 Datasheet
366Kb / 80P
   Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
1997 Mar 14
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P80CL31 PHILIPS-P80CL31 Datasheet
305Kb / 68P
   Low voltage 8-bit microcontrollers with UART
1997 Apr 15
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCF8570 PHILIPS-PCF8570 Datasheet
140Kb / 20P
   256 x 8-bit static low-voltage RAM with I2C-bus interface
1999 Jan 06
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
   Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com