Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU7821CPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRLU7821CPBF
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU7821CPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLU7821CPBF Datasheet HTML 3Page - International Rectifier IRLU7821CPBF Datasheet HTML 4Page - International Rectifier IRLU7821CPBF Datasheet HTML 5Page - International Rectifier IRLU7821CPBF Datasheet HTML 6Page - International Rectifier IRLU7821CPBF Datasheet HTML 7Page - International Rectifier IRLU7821CPBF Datasheet HTML 8Page - International Rectifier IRLU7821CPBF Datasheet HTML 9Page - International Rectifier IRLU7821CPBF Datasheet HTML 10Page - International Rectifier IRLU7821CPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRLR/U7821CPbF
10
www.irf.com
I-Pak (TO-251AA) Part Marking Information
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
78
LINE A
LOGO
INTERNATIONAL
RECTIFIER
OR
PRODUCT (OPTIONAL)
P = DESIGNATES LEAD-FREE
A = ASSEMBLY SITE CODE
IRFU120
119A
DATE CODE
PART NUMBER
LOT CODE
ASSEMBLY
56
78
YEAR 1 = 2001
WEEK 19
indicates Lead-Free"
ASSEMBLED ON WW 19, 2001
IN THE ASSEMBLY LINE "A"
Note: "P" in ass embly line position
EXAMPLE:
WIT H ASSEMBLY
T HIS IS AN IRFU120
LOT CODE 5678
RECTIFIER
INT ERNATIONAL
LOGO
ASSEMBLY
LOT CODE
IRFU120
56
PART NUMBER
WEEK 19
DATE CODE
YEAR 1 = 2001


Similar Part No. - IRLU7821CPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU7821 IRF-IRLU7821 Datasheet
247Kb / 11P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRLU7821 ISC-IRLU7821 Datasheet
246Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU7821PBF IRF-IRLU7821PBF Datasheet
325Kb / 12P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRLU7821CPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com