Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87CL881H Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P87CL881H
Description  Low-voltage microcontroller with 63-kbyte OTP program memory and 2-kbyte RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87CL881H Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P87CL881H Datasheet HTML 3Page - NXP Semiconductors P87CL881H Datasheet HTML 4Page - NXP Semiconductors P87CL881H Datasheet HTML 5Page - NXP Semiconductors P87CL881H Datasheet HTML 6Page - NXP Semiconductors P87CL881H Datasheet HTML 7Page - NXP Semiconductors P87CL881H Datasheet HTML 8Page - NXP Semiconductors P87CL881H Datasheet HTML 9Page - NXP Semiconductors P87CL881H Datasheet HTML 10Page - NXP Semiconductors P87CL881H Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
1999 Apr 16
7
Philips Semiconductors
Product specification
Low-voltage microcontroller with 63-kbyte
OTP program memory and 2-kbyte RAM
P87CL881H
P0.0/AD0
37
Port 0. 8-bit bidirectional I/O port with alternative functions. Every port pin can be used
as open-drain, standard port, high-impedance input or push-pull output, according to
Section 6.2. AD7 to AD0 provide the multiplexed low-order address and data bus during
accesses to external memory.
P0.1/AD1
36
P0.2/AD2
35
P0.3/AD3
34
P0.4/AD4
33
P0.5/AD5
32
P0.6/AD6
31
P0.7/AD7
30
P1.0/INT2/T2
40
Port 1. 8-bit bidirectional I/O port with alternative functions. Every port pin except P1.6
and P1.7 (I2C-bus pins) can be used as open-drain, standard port, high-impedance input
or push-pull output, according to Section 6.2. Port 1 also serves the alternative functions
INT2 to INT9 interrupts, Timer 2 external input and Timer 2 compare output, external
clock output CLK and I2C-bus clock and I2C-bus data in/outputs.
P1.1/INT3/T2EX
41
P1.2/INT4/
T2COMP
42
P1.3/INT5
43
P1.4/INT6/CLK
44
P1.5/INT7
1
P1.6/INT8/SCL
2
P1.7/INT9/SDA
3
P2.0/A8
18
Port 2. 8-bit bidirectional I/O port with alternative functions. Every port pin can be used
as open-drain, standard port, high-impedance input or push-pull output, according to
Section 6.2. Port 2 emits the high order address byte during accesses to external
memory that use 16-bit addresses (MOVX @ DPTR). In this application it uses the
strong internal pull-ups when emitting logic 1's. During accesses to external memory that
use 8-bit addresses (MOVX @ Ri), Port 2 emits the contents of the P2 Special Function
Register.
P2.1/A9
19
P2.2/A10
20
P2.3/A11
21
P2.4/A12
22
P2.5/A13
23
P2.6/A14
24
P2.7/A15
25
P3.0/RXD/data
5
Port 3. 8-bit bidirectional I/O port with alternative functions. Every port pin can be used
as open-drain, standard port, high-impedance input or push-pull output, according to
Section 6.2. RXD/data is the serial port receiver data input (asynchronous) or data I/O
(synchronous). TXD/clock is the serial port transmitter data output (asynchronous) or
clock output (synchronous). INT0 and INT1 are external interrupt lines. T0 and T1 are
external inputs for Timers 0 and 1 respectively. WR is the external memory write strobe
and RD is the external memory read strobe.
P3.1/TXD/clock
7
P3.2/INT0
8
P3.3/INT1
9
P3.4/T0
10
P3.5/T1
11
P3.6/WR
12
P3.7/RD
13
SYMBOL
PIN
DESCRIPTION


Similar Part No. - P87CL881H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P87CL52X2BBD PHILIPS-P87CL52X2BBD Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P87CL52X2BDH PHILIPS-P87CL52X2BDH Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P87CL54X2BBD PHILIPS-P87CL54X2BBD Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P87CL54X2BDH PHILIPS-P87CL54X2BDH Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
More results

Similar Description - P87CL881H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
January 2008 Rev 2
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
ST10F272 STMICROELECTRONICS-ST10F272 Datasheet
3Mb / 179P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F272M STMICROELECTRONICS-ST10F272M Datasheet
3Mb / 175P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
ST10F272M STMICROELECTRONICS-ST10F272M_12 Datasheet
1Mb / 176P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com