Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS5107MX Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC25BS5107MX
Description  CMOS Low Power Consumption
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS5107MX Datasheet(HTML) 6 Page - Torex Semiconductor

  XC25BS5107MX Datasheet HTML 1Page - Torex Semiconductor XC25BS5107MX Datasheet HTML 2Page - Torex Semiconductor XC25BS5107MX Datasheet HTML 3Page - Torex Semiconductor XC25BS5107MX Datasheet HTML 4Page - Torex Semiconductor XC25BS5107MX Datasheet HTML 5Page - Torex Semiconductor XC25BS5107MX Datasheet HTML 6Page - Torex Semiconductor XC25BS5107MX Datasheet HTML 7Page - Torex Semiconductor XC25BS5107MX Datasheet HTML 8Page - Torex Semiconductor XC25BS5107MX Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
XC25BS5 Series
TYPICAL APPLICATION CIRCUITS
Q1 Pin - reference oscillation, reference oscillation/2, comparative frequency
Q1 Pin - GND
NOTE
(1) Please insert a by-pass capacitor of 0.1μF.
(2) Rq0 and Rq1 are matching resistors. Their use is recommended in order to counter unwanted radiations.
(3) Please place a by-pass capacitor and matching resistors as close to the IC as possible. It may be that the
output cannot be locked if the by-pass capacitor is not close enough to the IC. Further, there is a possibility of
unwanted radiation occurrence between the resistor and the IC pin if the matching resistor is not close enough to
the IC.
(4) When selecting GND for the Q1 pin, although the output of Q1 pin is GND level, it is also recommended that the
Q1 pin be connected to GND pattern on the PCB.
(5) When the CE pin is not controlled by external signals, it is recommended that a time constant circuit of R1=1kΩ
×
C1 = 0.1μF be added for stability.
(6) With this IC, output is achieved by dividing and multiplying the reference oscillation by means of the PLL circuit.
In cases where this output is further used as a reference oscillation of another PLL circuit, it may be that the final
output signal's jitter increases, so all necessary precautions should be taken to avoid this.
(7) It is recommended that a low noise power supply, such as a series regulator, be used for the supply voltage.
Using a power supply such as a switching regulator might lead to a larger jitter, which in turn may lead to an
inability to lock due to the ripple of the switching regulator.
(8) As for this IC, synchronization of input and output signal’s edge is not guaranteed though the input frequency
operates to the output frequency multiply.


Similar Part No. - XC25BS5107MX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5 TOREX-XC25BS5 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS5 TOREX-XC25BS5 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5001DL TOREX-XC25BS5001DL Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS5001DR TOREX-XC25BS5001DR Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
More results

Similar Description - XC25BS5107MX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com