Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS3X11MX Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC25BS3X11MX
Description  CMOS Low Power Consumption
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS3X11MX Datasheet(HTML) 1 Page - Torex Semiconductor

  XC25BS3X11MX Datasheet HTML 1Page - Torex Semiconductor XC25BS3X11MX Datasheet HTML 2Page - Torex Semiconductor XC25BS3X11MX Datasheet HTML 3Page - Torex Semiconductor XC25BS3X11MX Datasheet HTML 4Page - Torex Semiconductor XC25BS3X11MX Datasheet HTML 5Page - Torex Semiconductor XC25BS3X11MX Datasheet HTML 6Page - Torex Semiconductor XC25BS3X11MX Datasheet HTML 7Page - Torex Semiconductor XC25BS3X11MX Datasheet HTML 8Page - Torex Semiconductor XC25BS3X11MX Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
XC25BS3 ETR1501_003
PIN NUMBER
SOT-26 USP-6B
PIN NAME
FUNCTION
1
3
CE
Chip Enable
2
2
VSS
GND
3
1
Q0
PLL Output
4
6
Q1
Reference Oscillation, GND,
Comparative Frequency/2,
or PLL Output/2 Output *
5
5
VDD
Power Supply
6
4
CLKin
Reference Clock Input
CMOS Low Power Consumption
Input Frequency
: 14kHz ~ 35MHz
Divider Ratio
: 1~ 2047 Divisions
(Laser Trimming)
Multiplier Ratio
: 20 ~ 2047 Multiplications
(Laser Trimming)
Comparative Frequency
: 14kHz ~ 500kHz
Output Frequency : 9MHz ~ 80MHz
GENERAL DESCRIPTION
The XC25BS3 series are high frequency, low power
consumption PLL clock generator ICs with built-in crystal
oscillator circuit, divider circuit & multiplier PLL circuit.
Laser trimming gives the option of being able to select from
divider ratios (M) of 1 to 2047 and multiplier ratio (N) of 20 to
2047. Output frequency (Q0) is equal to reference oscillation
(fCLKin) multiplied by N/M, within a range of 9MHz to 80MHz.
Q1 output is selectable from input reference frequency (f0),
Ground
(GND),
PLL
output
frequency/2
(Q0/2),
and
comparative frequency/2 (f0/M/2). Reference oscillation can
input 14kHz to 35MHz of reference clock. Further, comparative
frequency, within a range of 14kHz to 500kHz, can be obtained
by dividing the reference oscillation. By halting oscillation via
the CE pin, consumption current can be controlled. Output will
be one of high impedance.
APPLICATIONS
Crystal oscillation modules
Microcontroller
PDAs
Portable audio systems
Various system clocks
PIN CONFIGURATION
FEATURES
Output Frequency
: 9MHz ~ 80MHz (Q0=fCLKin×N/M)
Reference Oscillation
: 14kHz ~ 35MHz
(fCLKin)
Divider Ratio (M)
: Selectable from divisions of 1 ~ 2047
Multiplier Ratio (N)
: Selectable from multiplications
of 20 ~ 2047
Output
: 3-State
Q1 output selectable from
reference oscillation, GND, PLL
output frequency/2, comparative
frequency/2.
Operating Voltage Range: 2.97V ~ 5.5V
Low Power Consumption: CMOS (stand-by function included)*1
Ultra Small Package
: SOT-26, USP-6B
*1 High output impedance during stand-by
PIN ASSIGNMENT
*The dissipation pad for the USP-6B
package should be solder-plated in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release.
If the pad needs to be connected to other
pins, it should be connected to the VDD
pin.
Q1
VDD
CLKin
Q0
VSS
CE
SOT-26
(TOP VIEW)
* Q1 Output is selectable from the above mentioned functions.


Similar Part No. - XC25BS3X11MX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5 TOREX-XC25BS5 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS5 TOREX-XC25BS5 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5001DL TOREX-XC25BS5001DL Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
More results

Similar Description - XC25BS3X11MX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com