Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204B Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6204B
Description  High Sprred LDO Regulators Output ON-OFF Control
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204B Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6204B Datasheet HTML 2Page - Torex Semiconductor XC6204B Datasheet HTML 3Page - Torex Semiconductor XC6204B Datasheet HTML 4Page - Torex Semiconductor XC6204B Datasheet HTML 5Page - Torex Semiconductor XC6204B Datasheet HTML 6Page - Torex Semiconductor XC6204B Datasheet HTML 7Page - Torex Semiconductor XC6204B Datasheet HTML 8Page - Torex Semiconductor XC6204B Datasheet HTML 9Page - Torex Semiconductor XC6204B Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
XC6204/6205 Series
MARK
PRODUCT SERIES
0
4
XC6204xxxxDx
MARK
TYPE
PRODUCT SERIES
A
CE pin, High Active, Pull-Down Resistor Built-In
XC6204AxxxDx
B
CE pin, High Active, No Pull-Down Resistor Built-In
XC6204BxxxDx
C
CE pin, High Active, Pull-Up Resistor Built-In
XC6204CxxxDx
D
CE pin, Low Active, No Pull-Up Resistor Built-In
XC6204DxxxDx
MARK
VOLTAGE(V)
PRODUCT SERIES
3
3.X
XC6204x3xxDx
5
5.X
XC6204x5xxDx
MARK
VOLTAGE (V)
PRODUCT SERIES
MARK
VOLTAGE (V)
PRODUCT SERIES
0
X.0
XC6204xx0xDx
A
X.05
XC6204xx0ADx
1
X.1
XC6204xx1xDx
B
X.15
XC6204xx1ADx
2
X.2
XC6204xx2xDx
C
X.25
XC6204xx2ADx
3
X.3
XC6204xx3xDx
D
X.35
XC6204xx3ADx
4
X.4
XC6204xx4xDx
E
X.45
XC6204xx4ADx
5
X.5
XC6204xx5xDx
F
X.55
XC6204xx5ADx
6
X.6
XC6204xx6xDx
H
X.65
XC6204xx6ADx
7
X.7
XC6204xx7xDx
K
X.75
XC6204xx7ADx
8
X.8
XC6204xx8xDx
L
X.85
XC6204xx8ADx
9
X.9
XC6204xx9xDx
M
X.95
XC6204xx9ADx
USP-6B
①②
Represents product series
Represents type of regulator
Represents integer of the output voltage
Represents decimal number of output voltage
Represents production lot number
0 to 9, A to Z repeated. (G, I, J, O, Q, W excepted)
Note: No character inversion used.
MARKING RULE (Continued)
[XC6204]
USP-6B
(TOP VIEW)
1
2
3
6
5
4


Similar Part No. - XC6204B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204B011DL TOREX-XC6204B011DL Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204B011DR TOREX-XC6204B011DR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204B011ML TOREX-XC6204B011ML Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204B011MR TOREX-XC6204B011MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204B012DL TOREX-XC6204B012DL Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
More results

Similar Description - XC6204B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
XC6415 TOREX-XC6415 Datasheet
466Kb / 23P
   Dual LDO Regulators with ON/OFF Switch
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC62H TOREX-XC62H_1 Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
0203_XC62G TOREX-0203_XC62G Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com