Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6213B33AN Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6213B33AN
Description  High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213B33AN Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6213B33AN Datasheet HTML 1Page - Torex Semiconductor XC6213B33AN Datasheet HTML 2Page - Torex Semiconductor XC6213B33AN Datasheet HTML 3Page - Torex Semiconductor XC6213B33AN Datasheet HTML 4Page - Torex Semiconductor XC6213B33AN Datasheet HTML 5Page - Torex Semiconductor XC6213B33AN Datasheet HTML 6Page - Torex Semiconductor XC6213B33AN Datasheet HTML 7Page - Torex Semiconductor XC6213B33AN Datasheet HTML 8Page - Torex Semiconductor XC6213B33AN Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5/27
XC6213
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS – 0.3 ~ 7.0
V
Output Current
IOUT
500*
mA
Output Voltage
VOUT
VSS – 0.3 ~ VIN + 0.3
V
CE Input Voltage
VCE
VSS – 0.3 ~ 7.0
V
SOT-25
250
SSOT-24
150
Power Dissipation
USP-4
Pd
120
mW
Operating Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 55 ~ + 125
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
Current
Limit
ON/OFF
Control
Voltage
Reference
each circuit
VIN
VOUT
VSS
R2
R1
CE
*Diode inside the circuit is a protection diode.
* IOUT=Pd/(VIN-VOUT)


Similar Part No. - XC6213B33AN

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213B302GL TOREX-XC6213B302GL Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6213B302GR TOREX-XC6213B302GR Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6213B302ML TOREX-XC6213B302ML Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6213B302MR TOREX-XC6213B302MR Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6213B302NL TOREX-XC6213B302NL Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
More results

Similar Description - XC6213B33AN

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Rohm
BUXXTD2WNVX ROHM-BUXXTD2WNVX Datasheet
2Mb / 41P
   Ultra Small Package CMOS LDO Regulators suitable for High-density Mounting
logo
Torex Semiconductor
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6218P252NR-G TOREX-XC6218P252NR-G Datasheet
406Kb / 22P
   Low Power Supply LDO Regulators(Ultra Small Packages)
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6218 TOREX-XC6218 Datasheet
366Kb / 22P
   Low Power Supply LDO Regulators Ultra Small Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com