Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6214DP05A Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6214DP05A
Description  CMOS Low Power Consumption
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6214DP05A Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6214DP05A Datasheet HTML 4Page - Torex Semiconductor XC6214DP05A Datasheet HTML 5Page - Torex Semiconductor XC6214DP05A Datasheet HTML 6Page - Torex Semiconductor XC6214DP05A Datasheet HTML 7Page - Torex Semiconductor XC6214DP05A Datasheet HTML 8Page - Torex Semiconductor XC6214DP05A Datasheet HTML 9Page - Torex Semiconductor XC6214DP05A Datasheet HTML 10Page - Torex Semiconductor XC6214DP05A Datasheet HTML 11Page - Torex Semiconductor XC6214DP05A Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/23
XC6214 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VOUT(E) (*1)
VIN=3.5V, IOUT=50mA
2.450
2.500
2.550
V
Maximum Output Current
IOUTmax
VIN=3.5V, VOUT=VOUT(E)×0.93
500
-
-
mA
Load Regulation
VOUT
VIN=3.5V, 1mA≦IOUT≦200mA
-
20
50
mV
Dropout Voltage (*2)
Vdif
IOUT=500mA
-
600
900
mV
Supply Current
ISS
VIN=3.5V
-
8
15
μ
A
IOUT=50mA
Line Regulation
VOUT
VIN・VOUT
3.5V≦VIN≦6.0V
-
0.05
0.20
% / V
Input Voltage
VIN
1.8
-
6.0
V
-
Output Voltage
IOUT=50mA
Temperature Characteristics
VOUT
Topr・VOUT
- 40℃≦Topr ≦85℃
-
+ 100
-
ppm /℃
Short-Circuit Current
Ilim
VIN=3.5V, VOUT=0V
-
50
-
mA
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VOUT(E) (*1)
VIN=4.0V, IOUT=50mA
2.940
3.000
3.060
V
Maximum Output Current
IOUTmax
VIN=4.0V, VOUT=VOUT(E)×0.96
500
-
-
mA
Load Regulation
VOUT
VIN=4.0V, 1mA≦IOUT≦200mA
-
20
50
mV
Dropout Voltage (*2)
Vdif
IOUT=500mA
-
560
820
mV
Supply Current
ISS
VIN=4.0V
-
8
15
μ
A
IOUT=50mA
Line Regulation
VOUT
VIN・VOUT
4.0V≦VIN≦6.0V
-
0.05
0.20
% / V
Input Voltage
VIN
1.8
-
6.0
V
-
Output Voltage
IOUT=50mA
Temperature Characteristics
VOUT
Topr・VOUT
- 40℃≦Topr ≦85℃
-
+ 100
-
ppm /℃
Short-Circuit Current
Ilim
VIN=4.0V, VOUT=0V
-
50
-
mA
ELECTRICAL CHARACTERISTICS (Continued)
XC6214P252
Ta=25 ℃
NOTE:
*1: VOUT(E) : Effective output voltage (i.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain
IOUT value.)
*2: Vdif={VIN1
(*4) -VOUT1(*3) }
*3: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input.
*4: VIN1=The Input Voltage when VOUT1 appears as input voltage is gradually decreased.
*5: Unless otherwise stated, {VIN=VOUT(T) +1.0V}
XC6214P302
Ta=25 ℃
NOTE:
*1: VOUT(E) : Effective output voltage (i.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain
IOUT value.)
*2: Vdif={VIN1
(*4) -VOUT1(*3) }
*3: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input.
*4: VIN1=The Input Voltage when VOUT1 appears as input voltage is gradually decreased.
*5: Unless otherwise stated, {VIN=VOUT(T) +1.0V}


Similar Part No. - XC6214DP05A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P122JL TOREX-XC6214P122JL Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122JR TOREX-XC6214P122JR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122ML TOREX-XC6214P122ML Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122MR TOREX-XC6214P122MR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
More results

Similar Description - XC6214DP05A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com