Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3250A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3250A
Description  PNP SILICON SWITCHING TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3250A Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3250A Datasheet HTML 1Page - Microsemi Corporation 2N3250A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/323
Devices
Qualified Level
2N3250A
2N3251A
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
Value
Units
Collector-Emitter Voltage
VCEO
60
Vdc
Collector-Base Voltage
VCBO
60
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
200
mAdc
Total Power Dissipation @ TA = +25
0C (1)
@ TC = +25
0C (2)
PT
0.36
1.2
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +175
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Ambient
RθJA
(1)(2)
417
0C/W
1) Derate linearly 2.4 W/
0C for TA > +250C
2) Derate linearly 8.0 W/
0C for TC > +250C
TO-39*
(TO-205AD)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
V(BR)CEO
60
Vdc
Collector-Emitter Cutoff Voltage
VBE = 3.0 Vdc, VCE = 40 Vdc
ICEX
20
ηAdc
Collector-Base Cutoff Current
VCB = 60 Vdc
VCB = 40 Vdc
ICBO
10
20
µAdc
ηAdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
IEBO
10
µAdc
Collector-Emitter Cutoff Voltage
VBE = 3.0 Vdc, VCE = 40 Vdc
ICEX
50
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N3250A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3250A CENTRAL-2N3250A Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N3250A SEME-LAB-2N3250A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
135Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3250A NJSEMI-2N3250A Datasheet
148Kb / 1P
   SPRINGFIELD, NEW JERSEY 07081
logo
Continental Device Indi...
2N3250A CDIL-2N3250A Datasheet
214Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
More results

Similar Description - 2N3250A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR PNP SILICON
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com