Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8445 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD8445
Description  N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8445 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD8445_07 Datasheet HTML 1Page - Fairchild Semiconductor FDD8445_07 Datasheet HTML 2Page - Fairchild Semiconductor FDD8445_07 Datasheet HTML 3Page - Fairchild Semiconductor FDD8445_07 Datasheet HTML 4Page - Fairchild Semiconductor FDD8445_07 Datasheet HTML 5Page - Fairchild Semiconductor FDD8445_07 Datasheet HTML 6Page - Fairchild Semiconductor FDD8445_07 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDD8445 Rev A (W)
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V
40
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 32V
VGS = 0V
-
-
1
μA
TJ=150°C
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250μA
2
2.8
4
V
RDS(ON)
Drain to Source On Resistance
ID = 50A, VGS = 10V
-
6.7
8.7
m
Ω
ID = 50A, VGS = 10V,
TJ = 175°C
-
12.5
16.3
CISS
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
3040
4050
pF
COSS
Output Capacitance
-
295
390
pF
CRSS
Reverse Transfer Capacitance
-
178
270
pF
RG
Gate Resistance
f = 1MHz
-
1.7
-
Ω
Qg(TOT)
Total Gate Charge at 10V
VGS = 0 to 10V
VDD=20V,
ID = 50A
-
45
59
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0 to 5V
-
17
22
nC
Qg(TH)
Threshold Gate Charge
VGS = 0 to 2V
-
5.8
7.6
nC
Qgs
Gate to Source Gate Charge
-
12.5
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
9.5
-
nC
Qgd
Gate to Drain “Miller” Charge
-
10.5
-
nC
Absolute Maximum Ratings T
c = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
40
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current Continuous (VGS=10v) (Note 1)
70
A
Continuous (VGS=10v,with RθJA = 52oC/W)
15.2
A
Pulsed
Figure 4
EAS
SinglePulseAvalancheEnergy (Note2)
144
mJ
PD
Power Dissipation
79
W
Derate above 25oC0.53
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to +175
oC
RθJC
Thermal Resistance, Junction to Case
1.9
oC/W
RθJA
Thermal Resistance, Junction to Ambient TO-252, lin2 copper pad area
52
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD8445
FDD8445
TO-252AA
13”
12mm
2500 units


Similar Part No. - FDD8445_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD8445-F085 ONSEMI-FDD8445-F085 Datasheet
1Mb / 6P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8445_F085 FAIRCHILD-FDD8445_F085 Datasheet
528Kb / 7P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDD8445_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
FDD8453LZ FAIRCHILD-FDD8453LZ Datasheet
276Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
FDD8444L_F085 FAIRCHILD-FDD8444L_F085_09 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
FDD4141 FAIRCHILD-FDD4141_10 Datasheet
272Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
logo
Fairchild Semiconductor
FDD8444 FAIRCHILD-FDD8444_06 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com