Electronic Components Datasheet Search |
|
XC6212F31AD Datasheet(PDF) 6 Page - Torex Semiconductor |
|
XC6212F31AD Datasheet(HTML) 6 Page - Torex Semiconductor |
6 / 25 page 6/25 XC6209/6212 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT 2% accuracy (*7) ×0.98 VOUT(T) × 1.02 Output Voltage VOUT(E) IOUT=30mA 1% accuracy (*8) ×0.99 VOUT(T) × 1.01 V 1 Maximum Output Current IOUTMAX VIN=E-4 E-3 - - mA 1 Load Regulation △ VOUT 1mA< IOUT<100mA - 15 50 mV 1 Load Regulation 2 △ VOUT2 1mA< IOUT<300mA - - 100 mV 1 Vdif1 IOUT=30mA E-1 Dropout Voltage (*4) Vdif2 IOUT=100mA E-2 mV 1 Supply Current (E series) VIN=VCE= VOUT(T)+1.0V - 28 55 Supply Current (F series) IDD VIN=VCE=VOUT(T)+1.0V 25 50 μ A 2 Standby Current Istby VIN=VOUT(T)+1.0V, VCE =VSS - 0.01 0.10 μ A 2 Line Regulation △ VOUT △ VIN・VOUT VOUT(T)+1.0V<VIN<10V IOUT=30mA (VOUT<1.75V)=(IOUT=10mA) - 0.01 0.20 % /V 1 Input Voltage VIN 2 - 10 V - Output Voltage Temperature Characteristics △ VOUT △ Topr・VOUT IOUT=30mA -40℃<Topr<85℃ - 100 - ppm /℃ 1 Ripple Rejection Rate PSRR VIN={VOUT(T)+1.0}V+1.0Vp-pAC, ( VOUT<1.5V)=VIN=2.5V+1.0Vp-pAC, IOUT=50mA, f=10kHz - 70 - dB 4 Current Limiter Ilim VIN=VOUT(T)+1.0V, VCE=VIN, ( VOUT<1.75V)=VIN=VOUT(T)+2.0V - 380 - mA 1 Short-circuit Current Ishort VIN= VOUT(T)+1.0V, VCE=VIN, ( VOUT<1.75V)=VIN=VOUT(T)+2.0V - 50 - mA 1 CE "High" Level Voltage VCEH 1.6 - VIN V 1 CE "Low" Level Voltage VCEL - - 0.25 V 2 CE "High" Level Current (E series) ICEH VIN=VCE=VOUT(T)+1.0V 0.60 - 5.0 μ A 2 CE "High" Level Current (F series) ICEH VIN=VCE=VOUT(T)+1.0V -0.10 0.10 μ A 2 CE "Low" Level Current ICEL VIN=VOUT(T)+1.0V, VCE=VSS -0.10 - 0.10 μ A 2 ■ ELECTRICAL CHARACTERISTICS (Continued) NOTE : * 1: Unless otherwise stated, VIN=VOUT(T)+1.0V. If VOUT is less than 0.95V, VIN= 2.0V. * 2: VOUT(T)=Specified output voltage * 3: VOUT(E)=Effective output voltage (I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). * 4: Vdif={VIN1 (*6)-VOUT1(*5)} * 5: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. * 6: VIN1=The input voltage when VOUT1 appears as Input Voltage is gradually decreased. * 7: If VOUT(T) is less than 1.45V, VOUT(T) -30mV (MIN.), VOUT(T) + 30mV (MAX.) * 8: Only for the VOUT(T) more than 3.0V products. Ta=25℃ XC6209/6212E,F Series |
Similar Part No. - XC6212F31AD |
|
Similar Description - XC6212F31AD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |