Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT2X101DQ100J Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT2X101DQ100J
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT2X101DQ100J Datasheet(HTML) 1 Page - Microsemi Corporation

  APT2X101DQ100J Datasheet HTML 1Page - Microsemi Corporation APT2X101DQ100J Datasheet HTML 2Page - Microsemi Corporation APT2X101DQ100J Datasheet HTML 3Page - Microsemi Corporation APT2X101DQ100J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT BENEFITS
Low Losses
Low Noise Switching
Cooler Operation
Higher Reliability Systems
Increased System Power
Density
PRODUCT FEATURES
Ultrafast Recovery Times
Soft Recovery Characteristics
Popular SOT-227 Package
Low Forward Voltage
High Blocking Voltage
Low Leakage Current
Avalanche Energy Rated
PRODUCT APPLICATIONS
Anti-Parallel Diode
-Switchmode Power Supply
-Inverters
Free Wheeling Diode
-Motor Controllers
-Converters
Snubber Diode
Uninterruptible Power Supply (UPS)
Induction Heating
High Speed Rectifiers
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT2x101DQ100J 1000V 100A
APT2x100DQ100J 1000V 100A
New Diode Data Sheet By Darel Bidwell
Anti-Parallel
Parallel
2
1
3
2
3
4
1
4
APT2x100DQ100J APT2x101DQ100J
STATIC ELECTRICAL CHARACTERISTICS
Symbol
V
F
I
RM
C
T
UNIT
Volts
µA
pF
MIN
TYP
MAX
2.1
2.7
2.34
1.64
100
500
120
Characteristic / Test Conditions
Forward Voltage
Maximum Reverse Leakage Current
Junction Capacitance, V
R = 200V
I
F = 100A
I
F = 150A
I
F = 100A, TJ = 125°C
V
R = 1000V
V
R = 1000V, TJ = 125°C
DUAL DIE ISOTOP® PACKAGE
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C = 94°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty)
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3ms)
Avalanche Energy (1A, 40mH)
Operating and StorageTemperature Range
Symbol
V
R
V
RRM
V
RWM
I
F(AV)
I
F(RMS)
I
FSM
E
AVL
T
J,TSTG
UNIT
Volts
Amps
mJ
°C
APT2x101_100DQ100J
1000
100
133
1000
20
-55 to 175
Microsemi Website - http://www.microsemi.com
SO
T-2
27
ISOTOP®
1
2
3
4
file # E145592
"UL Recognized"


Similar Part No. - APT2X101DQ100J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT2X101DQ100J ADPOW-APT2X101DQ100J Datasheet
145Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT2X101DQ100J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D60B ADPOW-APT15D60B Datasheet
54Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D60H ADPOW-APT30D60H Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40C ADPOW-APT15D40C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40K ADPOW-APT15D40K Datasheet
22Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60C ADPOW-APT15D60C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT8DQ60K3CT MICROSEMI-APT8DQ60K3CT Datasheet
128Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60K MICROSEMI-APT8DQ60K Datasheet
262Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60KCT MICROSEMI-APT8DQ60KCT Datasheet
255Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT15D60BCT ADPOW-APT15D60BCT_05 Datasheet
125Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT15DQ100BCT MICROSEMI-APT15DQ100BCT Datasheet
249Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT30D100BCT ADPOW-APT30D100BCT_05 Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com