Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6214DP34B Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6214DP34B
Description  CMOS Low Power Consumption
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6214DP34B Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6214DP34B Datasheet HTML 1Page - Torex Semiconductor XC6214DP34B Datasheet HTML 2Page - Torex Semiconductor XC6214DP34B Datasheet HTML 3Page - Torex Semiconductor XC6214DP34B Datasheet HTML 4Page - Torex Semiconductor XC6214DP34B Datasheet HTML 5Page - Torex Semiconductor XC6214DP34B Datasheet HTML 6Page - Torex Semiconductor XC6214DP34B Datasheet HTML 7Page - Torex Semiconductor XC6214DP34B Datasheet HTML 8Page - Torex Semiconductor XC6214DP34B Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
XC6214
Series
MARK
PRODUCT SERIES
D
XC6214Pxx2xx
MARK
VOLTAGE (V)
PRODUCT SERIES
P
1.5 ~ 3.0
XC6214Pxx2xx
R
3.1 ~ 5.0
XC6214Pxx2xx
MARK
VOLTAGE (V)
MARK
VOLTAGE (V)
0
-
3.1
F
1.6
4.6
1
-
3.2
H
1.7
4.7
2
-
3.3
K
1.8
4.8
3
-
3.4
L
1.9
4.9
4
-
3.5
M
2.0
5.0
5
-
3.6
N
2.1
-
6
-
3.7
P
2.2
-
7
-
3.8
R
2.3
-
8
-
3.9
S
2.4
-
9
-
4.0
T
2.5
-
A
-
4.1
U
2.6
-
B
-
4.2
V
2.7
-
C
-
4.3
W
2.8
-
D
-
4.4
Y
2.9
-
E
1.5
4.5
Z
3.0
-
MARK
a
b
c
d
PRODUCTION YEAR
-
-
-
2004
-
-
-
2005
-
-
-
2006
-
-
-
2007
MARK
MARK
e
f
g
h
PRODUCTION
MONTH
e
f
g
h
PRODUCTION
MONTH
-
-
-
January
-
July
-
-
-
February
-
-
-
August
-
-
March
--
September
-
-
-
April
-
-
October
-
-
May
-
November
-
-
June
-
-
December
MARKING RULE (Continued)
SOT-26
Represents product series
Represents output voltage range
Represents output voltage
a, b, c, d Represents production year
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted).
Note: No character inversion used.
SOT-26
(TOP VIEW)
e, f, g, h Represents production month
*Markings of the year 2004 to 2007 are repeated from 2008.
ex.) 2004→2008, 2005→2009, 2006→2010, 2007→2011.


Similar Part No. - XC6214DP34B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P122JL TOREX-XC6214P122JL Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122JR TOREX-XC6214P122JR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122ML TOREX-XC6214P122ML Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122MR TOREX-XC6214P122MR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
More results

Similar Description - XC6214DP34B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com