Electronic Components Datasheet Search |
|
XC6214DR35B Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6214DR35B Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 23 page 1/23 XC6214 ETR0318_005 ■ FEATURES Maximum Output Current : More than 500mA (800mA limit) Dropout Voltage : 500mV @ IOUT = 500mA (VOUT=3.3V) Operating Voltage Range : 1.8V ~ 6.0V Output Voltage : 1.5V, 1.8V, 2.5V, 3.0V, 3.3V (standard) Other voltages between 1.5V to 5.0V (semi-custom) High Accuracy : Setting voltage accuracy ±2% Low Power Consumption Ripple Rejection Rate : 8μA (TYP.) : 40dB @ 1kHz Operating Temperature Range : - 40℃ ~ 85℃ Packages : SOT-26 SOT-89 ◆ CMOS Low Power Consumption : 8μA (TYP.) ◆ Maximum Output Current : More than 500mA ◆ Current Limit Circuit Built-In ◆ Thermal Shutdown Circuit Built-In ◆ Ceramic Capacitor Compatible ◆ SOT-89-, SOT-26 Packages ■ GENERAL DESCRIPTION The XC6214 series are highly precise, low noise, high current, positive voltage low dropout regulators. They are fabricated using Torex’s CMOS process. The series features a voltage reference, an error amplifier, a current limiter, a thermal protection circuit, and a phase compensation circuit plus a driver transistor. The output voltage is selectable in 100mV increments within the range of 1.5V to 5.0V. (Output voltage 1.5V, 1.8V, 2.5V, 3.0V and 3.3V are standard products. Other than these voltages are available as semi-custom products.) The series is also compatible with low ESR ceramic capacitors, which give added output stability. This stability can be maintained even during load fluctuations due to the excellent transient response of the series. The over current protection circuit and the thermal shutdown circuit are built in. The over current protection circuit will operate when the output current reaches current limit level. The thermal shutdown circuit will operate when the junction temperature reaches temperature limit level. ■ APPLICATIONS ● DVD, CD-ROM, HDD drive equipment ● Portable AV equipment (Cameras, VCRs, etc.) ● Wireless Communication equipment (Mobile & Cordless phone, etc.) ● Desktop computers, Note book computer, PDAs ● Network equipment (Wireless LAN etc.) ● Reference voltage ● Battery powered equipment ■ TYPICAL APPLICATION CIRCUIT ■ TYPICAL PERFORMANCE CHARACTERISTICS ○ Dropout Voltage vs. Output Current XC6214P332 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0 100 200 300 400 500 Output Current : IOUT (mA) CIN=CL=1.0µF(ceramic) Topr=85oC 25oC -40oC VOUT VSS VIN CIN 1.0uF CL 1.0uF RL VIN |
Similar Part No. - XC6214DR35B |
|
Similar Description - XC6214DR35B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |