Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6214DP45B Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6214DP45B
Description  CMOS Low Power Consumption
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6214DP45B Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6214DP45B Datasheet HTML 1Page - Torex Semiconductor XC6214DP45B Datasheet HTML 2Page - Torex Semiconductor XC6214DP45B Datasheet HTML 3Page - Torex Semiconductor XC6214DP45B Datasheet HTML 4Page - Torex Semiconductor XC6214DP45B Datasheet HTML 5Page - Torex Semiconductor XC6214DP45B Datasheet HTML 6Page - Torex Semiconductor XC6214DP45B Datasheet HTML 7Page - Torex Semiconductor XC6214DP45B Datasheet HTML 8Page - Torex Semiconductor XC6214DP45B Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/23
XC6214 Series
PIN NUMBER
SOT-26
SOT-89
PIN NAME
FUNCTIONS
1
2
VIN
Power Input
2, 4, 5
1
VSS
Ground
3
-
NC
No Connection
6
3
VOUT
Output
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
① ②
Output Voltage
15 ~ 50
: ex.) 3.0V products → ①=3, ②=0
Output Voltage Accuracy
2
: Within ±2%
ex.) 2.50V products → ①=2, ②=5, ③=2
M
: SOT-26
Package
P
: SOT-89
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
PIN CONFIGURATION
* The 2, 4 and 5 pins of the SOT-26 package
are the common VSS pins in the package.
For a heat design, in case of connecting the
heat dissipation pad to a circuit,
Please use the 2, 4, and 5 pins as the VSS
pin on the PCB board
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
XC6214P ①②③④⑤
Ordering Information
SOT-26 (TOP VIEW)
SOT-89 (TOP VIEW)
23
1
12
3
4
5
6


Similar Part No. - XC6214DP45B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P122JL TOREX-XC6214P122JL Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122JR TOREX-XC6214P122JR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122ML TOREX-XC6214P122ML Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122MR TOREX-XC6214P122MR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
More results

Similar Description - XC6214DP45B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com